Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TD62107P Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce TD62107P
Description  4CH HIGH-CURRENT DARILGTON SINK DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62107P Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  TD62107P Datasheet HTML 1Page - Toshiba Semiconductor TD62107P Datasheet HTML 2Page - Toshiba Semiconductor TD62107P Datasheet HTML 3Page - Toshiba Semiconductor TD62107P Datasheet HTML 4Page - Toshiba Semiconductor TD62107P Datasheet HTML 5Page - Toshiba Semiconductor TD62107P Datasheet HTML 6Page - Toshiba Semiconductor TD62107P Datasheet HTML 7Page - Toshiba Semiconductor TD62107P Datasheet HTML 8Page - Toshiba Semiconductor TD62107P Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TD62107P/BP/F
2001-07-16
3
RECOMMENDED OPERATING CONDITIONS (Ta = −40~85°C)
CHARACTERISTIC
SYMBOL
CONDITION
MIN
TYP.
MAX
UNIT
Supply Voltage
VCC
4.75
15
V
P
0
45
BP
0
80
Output Sustaining
Voltage
F
VCE (SUS)
0
35
V
P, F
Tpw = 25ms, Duty = 75%, 1 Circuit
0
500
BP
Tpw = 25ms, Duty = 10%, 4 Circuits
0
750
P, BP
Duty = 30%
0
400
Output Current
F
IOUT
Tpw = 25ms, 4 Circuits
Duty = 40%
300
mA
Input Voltage
VIN
0
VCC
V
P
45
BP
80
Clamp Diode
ReverseVoltage
F
VR
35
V
P, F
500
Clamp Diode
Forward Current
BP
IF
750
mA
B, BP
1.0
Power Dissipation
F
PD
Ta = 85°C
(Note)
0.7
W
Note:
On Glass Epoxy PCB (60 × 30 × 1.6 mm Cu 30%)


Numéro de pièce similaire - TD62107P

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TD62101F TOSHIBA-TD62101F Datasheet
317Kb / 8P
   7CH DARLINGTON SINK DRIVER
TD62101P TOSHIBA-TD62101P Datasheet
317Kb / 8P
   7CH DARLINGTON SINK DRIVER
TD62103F TOSHIBA-TD62103F Datasheet
317Kb / 8P
   7CH DARLINGTON SINK DRIVER
TD62103P TOSHIBA-TD62103P Datasheet
317Kb / 8P
   7CH DARLINGTON SINK DRIVER
TD62104F TOSHIBA-TD62104F Datasheet
317Kb / 8P
   7CH DARLINGTON SINK DRIVER
More results

Description similaire - TD62107P

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TD62164AP TOSHIBA-TD62164AP Datasheet
282Kb / 7P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62064BP1G TOSHIBA-TD62064BP1G Datasheet
237Kb / 11P
   4ch High-Current Darlington Sink Driver
TD62064BP-1 TOSHIBA-TD62064BP-1 Datasheet
300Kb / 8P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62164BP TOSHIBA-TD62164BP Datasheet
287Kb / 8P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62064APA TOSHIBA-TD62064APA Datasheet
215Kb / 6P
   4CH HIGH-CURRENT DRALINGTON SINK DRIVER
TD62064P TOSHIBA-TD62064P Datasheet
345Kb / 9P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62064APG TOSHIBA-TD62064APG Datasheet
246Kb / 11P
   4ch High-Current Darlington Sink Driver
TD62064BP-1 TOSHIBA-TD62064BP-1_06 Datasheet
417Kb / 11P
   4CH HIGH−CURRENT DARLINGTON SINK DRIVER
TD62064074P TOSHIBA-TD62064074P Datasheet
249Kb / 10P
   4CH HIHG-CURRENT DARLINGTON SINK DRIVER
TD62318BP TOSHIBA-TD62318BP Datasheet
292Kb / 8P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLNGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com