Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA-053R3D Fiches technique(PDF) 1 Page - Bothhand USA, LP.

No de pièce BA-053R3D
Description  0.5 to 1 Watt Isolated DC-DC Converter Single / Dual / Dual Separate Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOTHHAND [Bothhand USA, LP.]
Site Internet  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BA-053R3D Fiches technique(HTML) 1 Page - Bothhand USA, LP.

  BA-053R3D Datasheet HTML 1Page - Bothhand USA, LP. BA-053R3D Datasheet HTML 2Page - Bothhand USA, LP. BA-053R3D Datasheet HTML 3Page - Bothhand USA, LP. BA-053R3D Datasheet HTML 4Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BA - DIL Series
0.5 to 1 Watt Isolated DC-DC Converter
Single / Dual / Dual Separate Output
BOTHHAND USA. http://www.bothhand.com
1. Features :
! 8 Pin DIL Package
! Low Ripple and Noise
! Input / Output Isolation 1000 Vdc
! 100 % Burn-In
! Input Filter with Internal Capacitor
! Custom Design Available
2. Absolute maximum ratings:
( Exceeding these values may damage the module. These are not continuous operating ratings )
Parameter
Condition
Min.
Typ.
Max.
Unit
5V Input Model
-0.7
5
7.5
12V Input Model
-0.7
12
15
Input Absolute Voltage Range
24V Input Model
-0.7
24
30
Vdc
Max. Output power
---
---
1.0
W
Output Short circuit duration
---
---
1.0
Second
Operating temperature
Output Full Load
-40
---
+85
Storage temperature
-55
---
+105
3. Nominal Input / Output Electrical Specifications :
( Specifications typical at Ta = +25℃, nominal input voltage, rated output current unless otherwise noted )
Parameter
Condition
Min.
Typ.
Max.
Unit
5V Input Model
4.5
5
5.5
12V Input Model
10.8
12
13.2
Input Voltage Range
24V Input Model
21.6
24
26.4
Vdc
Output Voltage Accuracy
---
---
± 5.0
Voltage Balance (Dual Outputs )
---
---
± 1.0
%
Switching Frequency
---
100
---
KHz
Temperature Coefficient
Nominal Input
---
± 0.01
± 0.02
% / ℃
Isolation Voltage
60 Seconds / 0.5mA
1000
---
---
Vdc
Isolation Resistance
500 Vdc
1000
---
---
Isolation Capacitance
1 KHz / 250 mV rms
---
40
---
pF
Max. Line Regulation (Per 1.0 % change in input change)
---
---
1.3
%


Numéro de pièce similaire - BA-053R3D

FabricantNo de pièceFiches techniqueDescription
logo
Bothhand USA, LP.
BA-053R3D1LF BOTHHAND-BA-053R3D1LF Datasheet
167Kb / 2P
   0.5~1W Isolated DC/DC Converter
BA-053R3DLF BOTHHAND-BA-053R3DLF Datasheet
167Kb / 2P
   0.5~1W Isolated DC/DC Converter
More results

Description similaire - BA-053R3D

FabricantNo de pièceFiches techniqueDescription
logo
Bothhand USA, LP.
B1-0505DS BOTHHAND-B1-0505DS Datasheet
450Kb / 6P
   1 Watt Isolated DC-DC Converter Single / Dual / Dual Separate Output
BA-053R3S BOTHHAND-BA-053R3S Datasheet
165Kb / 2P
   0.5 to 1 Watt Isolated DC-DC Converter Single Output
BB-123R3S BOTHHAND-BB-123R3S Datasheet
261Kb / 3P
   1 to 2 Watt Isolated DC-DC Converter Single / Dual Output
BA-SHLF BOTHHAND-BA-SHLF Datasheet
437Kb / 7P
   0.5 To 1 Watt Isolated DC-DC Converter
BA-SH-LF-SERIES BOTHHAND-BA-SH-LF-SERIES Datasheet
437Kb / 7P
   0.5 To 1 Watt Isolated DC-DC Converter
B3-0505DS BOTHHAND-B3-0505DS Datasheet
375Kb / 5P
   2 Watt Isolated DC-DC Converter Single / Dual Output
B3-0505SS BOTHHAND-B3-0505SS Datasheet
402Kb / 5P
   2 Watt Isolated DC-DC Converter Single / Dual Output
logo
GAPTEC Electronic GmbH ...
1S7AE GAPTEC-1S7AE Datasheet
625Kb / 3P
   1W - Dual separate Output DC-DC Converter - Isolated & Unregulated
logo
Bothhand USA, LP.
BP-2405S2 BOTHHAND-BP-2405S2 Datasheet
483Kb / 5P
   2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
B7-123R3S10 BOTHHAND-B7-123R3S10 Datasheet
319Kb / 3P
   10 to 15 Watt Isolated DC-DC Converter Single / Dual Output
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com