Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC100EL39DW Fiches technique(PDF) 4 Page - Motorola, Inc

No de pièce MC100EL39DW
Description  첨2/4,첨4/6 Clock Generation Chip
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC100EL39DW Fiches technique(HTML) 4 Page - Motorola, Inc

  MC100EL39DW Datasheet HTML 1Page - Motorola, Inc MC100EL39DW Datasheet HTML 2Page - Motorola, Inc MC100EL39DW Datasheet HTML 3Page - Motorola, Inc MC100EL39DW Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MC100LVEL39 MC100EL39
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 3
4–4
OUTLINE DIMENSIONS
DW SUFFIX
PLASTIC SOIC PACKAGE
CASE 751D–04
ISSUE E
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
A
B
C
D
F
G
J
K
M
P
R
0.510
0.299
0.104
0.019
0.035
0.012
0.009
7
°
0.415
0.029
0.499
0.292
0.093
0.014
0.020
0.010
0.004
0
°
0.395
0.010
12.95
7.60
2.65
0.49
0.90
0.32
0.25
7
°
10.55
0.75
12.65
7.40
2.35
0.35
0.50
0.25
0.10
0
°
10.05
0.25
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.150
(0.006) PER SIDE.
5. DIMENSION D DOES NOT INCLUDE
DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.13
(0.005) TOTAL IN EXCESS OF D DIMENSION
AT MAXIMUM MATERIAL CONDITION.
1.27 BSC
0.050 BSC
–A
–B
P 10 PL
1
10
11
20
–T
D 20 PL
K
C
SEATING
PLANE
R X 45
°
M
0.010 (0.25)
B
M
M
0.010 (0.25)
T
A
B
M
S
S
G 18 PL
F
J
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals”
must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of
others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal
Opportunity/Affirmative Action Employer.
How to reach us:
USA/EUROPE/Locations Not Listed: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.; Tatsumi–SPD–JLDC, 6F Seibu–Butsuryu–Center,
P.O. Box 20912; Phoenix, Arizona 85036. 1–800–441–2447 or 602–303–5454
3–14–2 Tatsumi Koto–Ku, Tokyo 135, Japan. 03–81–3521–8315
MFAX: RMFAX0@email.sps.mot.com – TOUCHTONE 602–244–6609
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
INTERNET: http://Design–NET.com
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
MC100LVEL39/D
*MC100LVEL39/D*


Numéro de pièce similaire - MC100EL39DW

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100EL39DW ONSEMI-MC100EL39DW Datasheet
120Kb / 7P
   5V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 6
MC100EL39DWG ONSEMI-MC100EL39DWG Datasheet
120Kb / 7P
   5V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 6
MC100EL39DWR2 ONSEMI-MC100EL39DWR2 Datasheet
120Kb / 7P
   5V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 6
MC100EL39DWR2G ONSEMI-MC100EL39DWR2G Datasheet
120Kb / 7P
   5V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 6
MC100EL39DWR2G ONSEMI-MC100EL39DWR2G Datasheet
159Kb / 7P
   5 V ECL Clock Generation Chip
July, 2016 ??Rev. 8
More results

Description similaire - MC100EL39DW

FabricantNo de pièceFiches techniqueDescription
logo
Micrel Semiconductor
SY100S839V MICREL-SY100S839V Datasheet
68Kb / 5P
   첨2/4, 첨4/5/6 CLOCK GENERATION CHIP
logo
ON Semiconductor
MC100LVEL38 ONSEMI-MC100LVEL38 Datasheet
128Kb / 5P
   첨2, 첨4/6 Clock Generation Chip
1996 REV 1
logo
Micrel Semiconductor
SY100S839V MICREL-SY100S839V_06 Datasheet
64Kb / 6P
   첨2/4, 첨4/5/6 CLOCK GENERATION CHIP
logo
ON Semiconductor
MC100EP139 ONSEMI-MC100EP139 Datasheet
140Kb / 8P
   첨2/4, 첨4./5/6 Clock Generation Chip
December, 1999 ??Rev. 1
MC100EL39 ONSEMI-MC100EL39 Datasheet
120Kb / 7P
   5V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 6
logo
Micrel Semiconductor
SY100S838 MICREL-SY100S838_06 Datasheet
483Kb / 5P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
logo
ON Semiconductor
MC100EL38 ONSEMI-MC100EL38_06 Datasheet
122Kb / 7P
   5V ECL 첨2, 첨4/6 Clock Generation Chip
October, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY100S838 MICREL-SY100S838 Datasheet
73Kb / 4P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
logo
ON Semiconductor
MC100LVEL39 ONSEMI-MC100LVEL39 Datasheet
120Kb / 6P
   3.3V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEL38 ONSEMI-MC100LVEL38_06 Datasheet
123Kb / 7P
   3.3V ECL 첨2, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com