Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD110-13 Fiches technique(PDF) 3 Page - Powerbox

No de pièce PD110-13
Description  40-110 WATTS WIDE INPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POWERBOX [Powerbox]
Site Internet  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PD110-13 Fiches technique(HTML) 3 Page - Powerbox

  PD110-13 Datasheet HTML 1Page - Powerbox PD110-13 Datasheet HTML 2Page - Powerbox PD110-13 Datasheet HTML 3Page - Powerbox PD110-13 Datasheet HTML 4Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
124
PD Series
40-110 W A TTS WIDE INPUT
NOTES
1. All multi-output units may be operated at no load without damage. At no load, output tolerance increases to 10%.
2. Suffix codes for mechanical format and input range are as follows: PD65-XXYZ; “XX” is the model code from the above table, “Y” is the input range (L =
10–30VDC, M = 20–60VDC, H = 30–90VDC) and “Z” is the mechanical format (A = open PCB, B = L-bracket, C = enclosed), eg, PD65-31MC (20–60VDC input
range, enclosed).
3. The models for 10–30VDC input range are suitable only for 70% of the above stated maximum output power.
MAXIMUM
OUTPUT
POWER
MODEL
NUMBER
OUTPUT #1
OUTPUT #2
OUTPUT #3
OUTPUT #4
VNOM. IMIN. IMAX. TOL. VNOM.
IMIN. IMAX. TOL. VNOM. IMIN. IMAX. TOL. VNOM. IMIN. IMAX. TOL.
PD65-10
5V
0A
10A
1%
50W
PD65-12
12V
0A
5.5A
1%
65W
PD65-13
15V
0A
4.5A
1%
65W
PD65-14
24V
0A
3.0A
1%
65W
PD65-23
+5V
1A
6.0A
3%
+12V
0.5A
3A
5%
65W
PD65-24
+5V
1A
6.0A
3%
+15V
0.4A
3A
5%
65W
PD65-25
+5V
1A
6.0A
3%
+24V
0.3a
2a
5%
65W
PD65-30
+5V
1A
6.0A
3%
+12V
0.5A
3A
5%
-5V
0.1A
0.5A
10%
65W
PD65-31
+5V
1A
6.0A
3%
+12V
0.5A
3A
5%
-12V
0.1A
0.5A
10%
65W
PD65-32
+5V
1A
6.0A
3%
+15V
0.4A
3A
5%
-15V
0.1A
0.5A
10%
65W
PD65-33
+5V
1A
6.0A
3%
+15V
0.4A
3A
5%
-12V
0.1A
0.5A
10%
65W
PD65-39
+5V
1A
6.0A
3%
+24V
0.3A
2A
5%
-12V
0.1A
0.5A
10%
65W
PD65-40
+5V
1A
6.0A
3%
+12V
0.5A
3A
5%
-12V
0.1A
0.5A
10%
-5V
0.1A
0.5A
10%
65W
MODEL
PIN 1
PIN 2
PIN 3
PIN 4
PIN 5
PIN 6
PIN 7
PIN 8
PD65-10
PD65-12
OUTPUT
OUTPUT
OUTPUT
OUTPUT
RETURN
RETURN
RETURN
RETURN
PD65-13
PD65-14
#1
#1
#1
#1
PD65-23
PD65-24
OUTPUT
OUTPUT
COMMON
COMMON
OUTPUT
OUTPUT
N/C
N/C
PD65-25
#1
#1
RETURN
RETURN
#2
#2
PD65-30
PD65-31
OUTPUT
OUTPUT
COMMON
COMMON
OUTPUT
OUTPUT
OUTPUT
N/C
PD65-32
PD65-33
#1
#1
RETURN
RETURN
#2
#2
#3
PD65-39
OUTPUT
OUTPUT
OUTPUT
COMMON
COMMON
OUTPUT
OUTPUT
OUTPUT
PD65-40
#1
#1
RETURN
RETURN
#2
#2
#3
#4
Selection Table
PD65 SERIES (65W)
Pin chart
Technical Illustration
PD65 ENCLOSED
NOTES
1. Dimensions shown in inch (mm)
2. Tolerance 0.02 (0.5) maximum
3. Input connector mates with Molex housing 09-50-3031
and Molex 2878 series crimp terminal
4. Output connector mates with Molex housing 09-50-3081
and Molex 2878 series crimp terminal
5. Weight: 380 grams approx (PCB format)
6. For the mechanical details of L-bracket and enclosed
formats please consult sales office


Numéro de pièce similaire - PD110-13

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
PD110-13 ETC-PD110-13 Datasheet
90Kb / 2P
   DC/DC Converters
logo
Tumbler Technologies + ...
PD110-13 TRUMPOWER-PD110-13 Datasheet
230Kb / 3P
   110 WATT DC TO DC CONVERTERS
More results

Description similaire - PD110-13

FabricantNo de pièceFiches techniqueDescription
logo
MicroPower Direct, LLC
MDCFM-40U MPD-MDCFM-40U Datasheet
842Kb / 4P
   40 to 110 VDC Input
logo
Astec America, Inc
LPQ110 ASTEC-LPQ110 Datasheet
81Kb / 2P
   110 Watts
LPS110 ASTEC-LPS110 Datasheet
203Kb / 2P
   110 Watts
logo
Power-One
MAP80 POWER-ONE-MAP80 Datasheet
234Kb / 4P
   Wide Range Input for 110/220 VAC Applications
MAP40 POWER-ONE-MAP40 Datasheet
127Kb / 3P
   Wide Range Input for 110/220 VAC Applications
logo
Astec America, Inc
LPT40-M ASTEC-LPT40-M Datasheet
81Kb / 3P
   40 Watts
LPT40 ASTEC-LPT40 Datasheet
82Kb / 3P
   40 Watts
SA40-1313 ASTEC-SA40-1313 Datasheet
513Kb / 2P
   40 Watts
logo
Power-One
BLP40-1005 POWER-ONE-BLP40-1005 Datasheet
118Kb / 5P
   40 Watts
logo
Advanced Power Technolo...
1517-110M ADPOW-1517-110M Datasheet
113Kb / 4P
   110 Watts, 40 Volts, 200us, 10% Radar 1480 to 1650 MHz
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com