Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LFD495-62-XX-RP11-PF Fiches technique(PDF) 9 Page - LIGITEK electronics co., ltd.

No de pièce LFD495-62-XX-RP11-PF
Description  FOUR DIGIT LED DISPLAY (0.4 lnch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFD495-62-XX-RP11-PF Fiches technique(HTML) 9 Page - LIGITEK electronics co., ltd.

  LFD495-62-XX-RP11-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFD495-62-XX-RP11-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFD495-62-XX-RP11-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LFD495-62-XX-RP11-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LFD495-62-XX-RP11-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LFD495-62-XX-RP11-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LFD495-62-XX-RP11-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LFD495-62-XX-RP11-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LFD495-62-XX-RP11-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
Solder Resistance
Test
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
Solderability Test
This test intended to see soldering well
performed or not.
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
JIS C 7021: B-12
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
MIL-STD-883:1008
JIS C 7021: B-10
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
MIL-STD-202:103B
JIS C 7021: B-11
This test is conducted for the purpose
of detemining the resistance of a part
in electrical and themal stressed.
Operating Life Test
1.Under Room Temperature
2.If=10mA
3.t=1000 hrs (-24hrs, +72hrs)
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
Thermal Shock Test
High Temperature
High Humidity Test
High Temperature
Storage Test
Low Temperature
Storage Test
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
The purpose of this test is the resistance
of the device under tropical for hours.
The purpose of this is the resistance of
the device which is laid under condition
of high temperature for hours.
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
LFD495/62-XX/RP11-PF
Test Condition
Reliability Test:
Test Item
PART NO.
Description
Reference
Standard
Page 8/8


Numéro de pièce similaire - LFD495-62-XX-RP11-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LFD495-62-XX-RP13-PF LIGITEK-LFD495-62-XX-RP13-PF Datasheet
118Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 lnch)
More results

Description similaire - LFD495-62-XX-RP11-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LFD495-62-XX-RP3-PF LIGITEK-LFD495-62-XX-RP3-PF Datasheet
155Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 lnch)
LFD495-63-XX-RP4-PF LIGITEK-LFD495-63-XX-RP4-PF Datasheet
143Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 lnch)
LFD495-62-XX-PF LIGITEK-LFD495-62-XX-PF Datasheet
143Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 lnch)
LFD495-64S-XX-RP4-PF LIGITEK-LFD495-64S-XX-RP4-PF Datasheet
189Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 lnch)
LFD495-64-XX-PF LIGITEK-LFD495-64-XX-PF Datasheet
143Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 lnch)
LFD495-62-XX-RP4-PF LIGITEK-LFD495-62-XX-RP4-PF Datasheet
118Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 lnch)
LFD495-65-XX-PF LIGITEK-LFD495-65-XX-PF Datasheet
143Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 lnch)
LFD495-62V-XX-PF LIGITEK-LFD495-62V-XX-PF Datasheet
169Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 lnch)
LFD495-62-XX-KP13-PF LIGITEK-LFD495-62-XX-KP13-PF Datasheet
116Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 lnch)
LFD495-62-XX-RP13-PF LIGITEK-LFD495-62-XX-RP13-PF Datasheet
118Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 lnch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com