Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LFD4E5-65-XX-PF Fiches technique(PDF) 5 Page - LIGITEK electronics co., ltd.

No de pièce LFD4E5-65-XX-PF
Description  FOUR DIGIT LED DISPLAY (0.4 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFD4E5-65-XX-PF Fiches technique(HTML) 5 Page - LIGITEK electronics co., ltd.

  LFD4E5-65-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFD4E5-65-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFD4E5-65-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LFD4E5-65-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LFD4E5-65-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LFD4E5-65-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LFD4E5-65-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LFD4E5-65-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LFD4E5-65-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
-25 ~ +85
Tstg
Storage Temperature
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
λD
(nm)
470
Part Selection And Application Information(Ratings at 25)
InGaN/GaBN
Material
LFD4H5DBK-XX-PF
PART NO
Common
Cathode
Common
Anode
Bule
common
cathode
or anode
Emitted
CHIP
Electrical
Max.
3.5
30
4.0
Typ.
△λ
(nm)
Vf(v)
2:1
10.5 15.25
IV-M
Min.
Typ.
Iv(mcd)
Peak Forward Current Per
Chip (Duty 1/10,0.1ms
Pulse Width)
Power Dissipation Per Chip
Operating Temperature
Reverse Current Per Any Chip
Topr
PD
Ir
Forward Current Per Chip
Parameter
IFP
IF
Symbol
-20 ~ +80
120
50
μA
mW
100
30
Ratings
DBK
mA
mA
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Absolute Maximum Ratings at Ta=25
Page 4/8
V
500
ESD
Electrostatic Discharge( * )
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
*
LFD4H5/6DBK-XX-PF
PART NO.
LFD4H6DBK-XX-PF


Numéro de pièce similaire - LFD4E5-65-XX-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LFD4E5-62-XX LIGITEK-LFD4E5-62-XX Datasheet
138Kb / 8P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
LFD4E5-62-XX-PF LIGITEK-LFD4E5-62-XX-PF Datasheet
111Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
LFD4E5-62-XX-SRP128 LIGITEK-LFD4E5-62-XX-SRP128 Datasheet
121Kb / 8P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
LFD4E5-62V-XX-PF LIGITEK-LFD4E5-62V-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
LFD4E5-62V-XX-RP35-PF LIGITEK-LFD4E5-62V-XX-RP35-PF Datasheet
148Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
More results

Description similaire - LFD4E5-65-XX-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LFD4E5-62V-XX-PF LIGITEK-LFD4E5-62V-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
LFD4D5-65-XX-RP3-PF LIGITEK-LFD4D5-65-XX-RP3-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
LFD4C5-62-XX-RP9-PF LIGITEK-LFD4C5-62-XX-RP9-PF Datasheet
147Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
LFD4C5-62-XX-PF LIGITEK-LFD4C5-62-XX-PF Datasheet
146Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
LFD4C5-64SF-XX LIGITEK-LFD4C5-64SF-XX Datasheet
147Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
LFD4D5-62-XX-RP3-PF LIGITEK-LFD4D5-62-XX-RP3-PF Datasheet
148Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
LFD4D5-65-XX-RP32-PF LIGITEK-LFD4D5-65-XX-RP32-PF Datasheet
143Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
LFD4E5-62-XX LIGITEK-LFD4E5-62-XX Datasheet
138Kb / 8P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
LFD4E5-62-XX-SRP128 LIGITEK-LFD4E5-62-XX-SRP128 Datasheet
121Kb / 8P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
LFD455-65-XX-PF LIGITEK-LFD455-65-XX-PF Datasheet
149Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com