Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC33988CPNA Fiches technique(PDF) 11 Page - Freescale Semiconductor, Inc

No de pièce MC33988CPNA
Description  Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0m廓)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33988CPNA Fiches technique(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC33988CPNA Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33988CPNA Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33988CPNA Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33988CPNA Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33988CPNA Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33988CPNA Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33988CPNA Datasheet HTML 13Page - Freescale Semiconductor, Inc MC33988CPNA Datasheet HTML 14Page - Freescale Semiconductor, Inc MC33988CPNA Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33988
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions 4.5V
≤ VDD ≤ 5.5V, 6.0V ≤ VPWR ≤ 27V, -40°C ≤ TA ≤ 125°C, unless otherwise noted.
Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER OUTPUT TIMING
Output Rising Slow Slew Rate A (DICR D3 = 0)(18)
9.0V < VPWR < 16V
SRRA_SLOW
0.3
1.0
2.0
V/
μs
Output Rising Slow Slew Rate B (DICR D3 = 0)(19)
9.0V < VPWR < 16V
SRRB_SLOW
0.12
0.4
1.2
V/
μs
Output Rising Fast Slew Rate A (DICR D3 = 1)(18)
9.0V < VPWR < 16V
SRRA_FAST
0.6
1.6
6.4
V/
μs
Output Rising Fast Slew Rate B (DICR D3 = 1)(19)
9.0V < VPWR < 16V
SRRB_FAST
0.12
0.4
4.8
V/
μs
Output Falling Slow Slew Rate A (DICR D3 = 0)(18)
9.0V < VPWR < 16V
SRFA_SLOW
0.3
1.0
2.0
V/
μs
Output Falling Slow Slew Rate B (DICR D3 = 0)(19)
9.0V < VPWR < 16V
SRFB_SLOW
0.12
0.4
1.2
V/
μs
Output Falling Fast Slew Rate A (DICR D3 = 1)(18)
9.0V < VPWR < 16V
SRFA_FAST
1.2
3.2
6.4
V/
μs
Output Falling Fast Slew Rate B (DICR D3 = 1)(19)
9.0V < VPWR < 16V
SRFB_FAST
0.4
1.4
4.8
V/
μs
Output Turn-ON Delay Time in Fast/Slow Slew Rate(20)
DICR = 0, DICR = 1
tDLY(ON)
1.0
8.0
30
μs
Output Turn-OFF Delay Time in Slow Slew Rate Mode(21)
DICR = 0
tDLY_SLOW(OFF)
5
57
125
μs
Output Turn-OFF Delay Time in Fast Slew Rate Mode(21)
DICR = 1
tDLY_FAST(OFF)
2.0
15
50
μs
Direct Input Switching Frequency (DICR D3 = 0)
fPWM
300
Hz
Notes
18.
Rise and Fall Slew Rates A measured across a 5.0
Ω resistive load at high side output = 0.5V to VPWR -3.5V. These parameters are
guaranteed by process monitoring.
19.
Rise and Fall Slew Rates B measured across a 5.0
Ω resistive load at high side output = VPWR -3.5V to VPWR -0.5V. These parameters
are guaranteed by process monitoring.
20.
Turn-ON delay time measured from rising edge of IN[0:1] signal that would turn the output ON to VHS[0:1] = 0.5V with RL = 5.0Ω resistive
load.
21.
Turn-OFF delay time measured from falling edge that would turn the output OFF to VHS[0:1] = VPWR -0.5V with RL = 5.0Ω resistive load.


Numéro de pièce similaire - MC33988CPNA

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC33988CHFK FREESCALE-MC33988CHFK Datasheet
919Kb / 34P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0 mOhm)
More results

Description similaire - MC33988CPNA

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
33984B FREESCALE-33984B_09 Datasheet
1Mb / 38P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 m廓)
33982B FREESCALE-33982B_09 Datasheet
840Kb / 36P
   Single Intelligent High-current Self-protected Silicon High Side Switch (2.0 m廓)
logo
Motorola, Inc
MC33982 MOTOROLA-MC33982 Datasheet
771Kb / 24P
   Single Intelligent High-Current Self-Protected Silicon High-Side Switch
logo
NXP Semiconductors
MC33984 NXP-MC33984 Datasheet
1Mb / 57P
   Dual intelligent high-current self-protected silicon high-side switch (4.0 mOhm)
Rev. 17.0, 07/2023
logo
Motorola, Inc
MC33984 MOTOROLA-MC33984 Datasheet
492Kb / 28P
   Dual Intelligent High-Current Self-Protected Silicon High-Side Switch (4.0 m??
logo
Freescale Semiconductor...
33984B FREESCALE-33984B Datasheet
1Mb / 36P
   Dual Intelligent High-Current Self Protected Silicon High-Side Switch (4.0 mohm)
33984 FREESCALE-33984 Datasheet
952Kb / 38P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 mOhm)
33988 FREESCALE-33988_12 Datasheet
919Kb / 34P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0 mOhm)
33982 FREESCALE-33982_08 Datasheet
820Kb / 35P
   Single Intelligent High-current Self-protected Silicon High Side Switch (2.0m ohm)
33982B FREESCALE-33982B Datasheet
722Kb / 34P
   Single Intelligent High-Current Self-Protected Silicon High-Side Switch (2.0 mohm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com