Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC33988 Fiches technique(PDF) 7 Page - Freescale Semiconductor, Inc

No de pièce MC33988
Description  Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0m廓)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33988 Fiches technique(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC33988 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33988 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33988 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33988 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33988 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33988 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33988 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33988 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33988 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33988
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 4.5V
≤ VDD ≤ 5.5V, 6.0V ≤ VPWR ≤ 27V, -40°C ≤ TA ≤ 125°C, unless otherwise noted.
Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT
Battery Supply Voltage Range
Full Operational
VPWR
6.0
27
V
VPWR Operating Supply Current
Output ON, IHS0 and IHS1 = 0 A
IPWR(ON)
20
mA
VPWR Supply Current
Output OFF, Open Load Detection Disabled, WAKE > 0.7 x VDD,
RST
= VLOGIC HIGH
IPWR(SBY)
5.0
mA
Sleep State Supply Current (VPWR < 14V, RST < 0.5V, WAKE < 0.5V)
TJ = 25°C
TJ = 85°C
IPWR(SLEEP)
10
50
μA
VDD Supply Voltage
VDD(ON)
4.5
5.0
5.5
V
VDD Supply Current
No SPI Communication
3.0MHz SPI Communication
IDD(ON)
1.0
5.0
mA
VDD Sleep State Current
IDD(SLEEP)
5.0
μA
Over-voltage Shutdown Threshold
VPWR(OV)
28
32
36
V
Over-voltage Shutdown Hysteresis
VPWR(OVHYS)
0.2
0.8
1.5
V
Under-voltage Output Shutdown Threshold(8)
VPWR(UV)
5.0
5.5
6.0
V
Under-voltage Hysteresis(9)
VPWR(UVHYS)
0.25
V
Under-voltage Power-ON Reset
VPWR(UVPOR)
5.0
V
Notes
8.
This applies to all internal device logic supplied by VPWR and assumes the external VDD supply is within specification.
9.
This applies when the under-voltage fault is not latched (IN[0:1] = 0).


Numéro de pièce similaire - MC33988

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC33988CHFK FREESCALE-MC33988CHFK Datasheet
919Kb / 34P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0 mOhm)
More results

Description similaire - MC33988

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
33984B FREESCALE-33984B_09 Datasheet
1Mb / 38P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 m廓)
33982B FREESCALE-33982B_09 Datasheet
840Kb / 36P
   Single Intelligent High-current Self-protected Silicon High Side Switch (2.0 m廓)
logo
Motorola, Inc
MC33982 MOTOROLA-MC33982 Datasheet
771Kb / 24P
   Single Intelligent High-Current Self-Protected Silicon High-Side Switch
logo
NXP Semiconductors
MC33984 NXP-MC33984 Datasheet
1Mb / 57P
   Dual intelligent high-current self-protected silicon high-side switch (4.0 mOhm)
Rev. 17.0, 07/2023
logo
Motorola, Inc
MC33984 MOTOROLA-MC33984 Datasheet
492Kb / 28P
   Dual Intelligent High-Current Self-Protected Silicon High-Side Switch (4.0 m??
logo
Freescale Semiconductor...
33984B FREESCALE-33984B Datasheet
1Mb / 36P
   Dual Intelligent High-Current Self Protected Silicon High-Side Switch (4.0 mohm)
33984 FREESCALE-33984 Datasheet
952Kb / 38P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 mOhm)
33988 FREESCALE-33988_12 Datasheet
919Kb / 34P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0 mOhm)
33982 FREESCALE-33982_08 Datasheet
820Kb / 35P
   Single Intelligent High-current Self-protected Silicon High Side Switch (2.0m ohm)
33982B FREESCALE-33982B Datasheet
722Kb / 34P
   Single Intelligent High-Current Self-Protected Silicon High-Side Switch (2.0 mohm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com