Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCZ33972EW/R2 Fiches technique(PDF) 3 Page - Freescale Semiconductor, Inc

No de pièce MCZ33972EW/R2
Description  Multiple Switch Detection Interface with Suppressed Wake-up
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33972EW/R2 Fiches technique(HTML) 3 Page - Freescale Semiconductor, Inc

  MCZ33972EW/R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCZ33972EW/R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33972EW/R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33972EW/R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33972EW/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33972EW/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33972EW/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33972EW/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33972EW/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33972
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
Figure 2. 33972 Simplified Internal Block Diagram
+
5.0 V
125 k
Ω
VDD
Analog Mux
Output
VPWR, VDD, 5.0 V
POR
Oscillator
Clock Control
Bandgap
Sleep PWR
40
μA
SPI Interface
and Control
WAKE
Control
INT
Control
Temperature
Monitor and
Control
MUX Interface
SP0
SP1
SG0
SP2
SP3
SP4
SP5
SP6
SP7
SG2
SG1
SG3
SG4
SG5
SG6
SG7
SG8
SG9
SG10
SG11
SG12
SG13
WAKE
INT
SCLK
CS
SO
AMUX
SI
VDD
VPWR
GND
VPWR
5.0 V
VPWR
5.0V
5.0 V
VPWR
VDD
VDD
and
5.0 V
+
4.0 V
Comparator
To
VPWR
SG0
SPI
Ref
2.0
mA
16.0
mA
VPWR
5.0 V
125 k
Ω
VDD
2.0
+
4.0V
Comparator
To
VPWR
SP7
SPI
Ref
mA
2.0
mA
16.0
mA
16.0
mA
VPWR
2.0
+
4.0 V
Comparator
To
VPWR
SP0
SPI
Ref
mA
2.0
mA
16.0
mA
16.0
mA
VPWR
+
4.0 V
Comparator
To
VPWR
SG13
SPI
Ref
2.0
mA
16.0
mA
VPWR


Numéro de pièce similaire - MCZ33972EW/R2

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MCZ33972EW/R2 FREESCALE-MCZ33972EW/R2 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
More results

Description similaire - MCZ33972EW/R2

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC33972 FREESCALE-MC33972 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
Motorola, Inc
MC33972 MOTOROLA-MC33972 Datasheet
506Kb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
NXP Semiconductors
MC34972 NXP-MC34972 Datasheet
1Mb / 31P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 1.0, 9/2013
logo
Freescale Semiconductor...
MC33972 FREESCALE-MC33972_08 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
NXP Semiconductors
MC33972 NXP-MC33972 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 20, 8/2023
logo
Freescale Semiconductor...
33975 FREESCALE-33975 Datasheet
881Kb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current
33975 FREESCALE-33975_08 Datasheet
1Mb / 34P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32mA Wetting Current
MC33975ATEK FREESCALE-MC33975ATEK Datasheet
883Kb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
logo
NXP Semiconductors
MC33975 NXP-MC33975 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
Rev 12.0, 08/2023
logo
Motorola, Inc
MC33993 MOTOROLA-MC33993 Datasheet
869Kb / 28P
   Multiple Switch Detection Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com