Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LDUR13733-S6-LTS Fiches technique(PDF) 3 Page - LIGITEK electronics co., ltd.

No de pièce LDUR13733-S6-LTS
Description  SUPER BRIGHT ROUND TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LDUR13733-S6-LTS Fiches technique(HTML) 3 Page - LIGITEK electronics co., ltd.

  LDUR13733-S6-LTS Datasheet HTML 1Page - LIGITEK electronics co., ltd. LDUR13733-S6-LTS Datasheet HTML 2Page - LIGITEK electronics co., ltd. LDUR13733-S6-LTS Datasheet HTML 3Page - LIGITEK electronics co., ltd. LDUR13733-S6-LTS Datasheet HTML 4Page - LIGITEK electronics co., ltd. LDUR13733-S6-LTS Datasheet HTML 5Page - LIGITEK electronics co., ltd. LDUR13733-S6-LTS Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
625
Dominant
wave
length
λDnm
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Typical Electrical & Optical Characteristics (Ta=25
)
Absolute Maximum Ratings at Ta=25
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Lens
Emitted
AlGaInP
LDUR13733/S6-LTS
Water Clear
Red
Operating Temperature
Topr
MATERIAL
PART NO
COLOR
Storage Temperature
Tstg
Forward Current
IF
Peak Forward Current
Duty 1/10@10KHz
Electrostatic Discharge( * )
Reverse Current @5V
Power Dissipation
ESD
Ir
IFP
PD
Parameter
Symbol
Typ.
Max.
Min.
Min.
7700
1.7
20
2.6
4000
20
-40 ~ +85
Luminous
intensity
@20mA(mcd)
Forward
voltage
@
mA(V)
Spectral
halfwidth
△λnm
20
Viewing
angle
2
θ 1/2
(deg)
-40 ~ +100
mA
30
150
10
90
120
V
μA
mA
mW
Ratings
DUR
UNIT
Page 2/5
LDUR13733/S6-LTS
PART NO.
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
*


Numéro de pièce similaire - LDUR13733-S6-LTS

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LDUR13732-S7-PF LIGITEK-LDUR13732-S7-PF Datasheet
80Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LDUR13732-S8-PF LIGITEK-LDUR13732-S8-PF Datasheet
110Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
More results

Description similaire - LDUR13733-S6-LTS

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
L8SRF3330-PF LIGITEK-L8SRF3330-PF Datasheet
141Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9SEF2040-PF LIGITEK-L9SEF2040-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9SEF2043-W74 LIGITEK-L9SEF2043-W74 Datasheet
119Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9UG3833-PF LIGITEK-L9UG3833-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9UG42241-PF LIGITEK-L9UG42241-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L10URF3333S LIGITEK-L10URF3333S Datasheet
224Kb / 5P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF2043-PF LIGITEK-LURF2043-PF Datasheet
110Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF13440S-PF LIGITEK-LURF13440S-PF Datasheet
118Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF3333S LIGITEK-LURF3333S Datasheet
67Kb / 5P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LVG13741-PF LIGITEK-LVG13741-PF Datasheet
122Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LVG13743-PF LIGITEK-LVG13743-PF Datasheet
122Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com