Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LDD515-65-XX-RP145 Fiches technique(PDF) 5 Page - LIGITEK electronics co., ltd.

No de pièce LDD515-65-XX-RP145
Description  DUAL DIGIT LED DISPLAY (0.5Inch)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LDD515-65-XX-RP145 Fiches technique(HTML) 5 Page - LIGITEK electronics co., ltd.

  LDD515-65-XX-RP145 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LDD515-65-XX-RP145 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LDD515-65-XX-RP145 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LDD515-65-XX-RP145 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LDD515-65-XX-RP145 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LDD515-65-XX-RP145 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LDD515-65-XX-RP145 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LDD515-65-XX-RP145 Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
10
μA
Reverse Current Per Any Chip
Ir
Iv(mcd)
Typ.
3.05
PART NO
Storage Temperature
Operating Temperature
Solder Temperature 1/16 Inch Below Seating Plane For 3 Seconds At 260
Part Selection And Application Information(Ratings at 25)
LDD5165-XX/RP145
LDD5155-XX/RP145
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Vf(v)
λP
(nm)
common
cathode
or anode
CHIP
△λ
(nm)
660
Emitted
GaAlAs
Red
Material
Common
Anode
Common
Cathode
20
1.5
Min.
2.4
1.8
1.75
Max.
Typ.
Min.
Tstg
Topr
Electrical
-25 ~ +85
-25 ~ +85
2:1
IV-M
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Parameter
LDD515/65-XX/RP145
Peak Forward Current Per
Chip (Duty 1/10,0.1ms
Pulse Width)
Power Dissipation Per Chip
Forward Current Per Chip
Absolute Maximum Ratings at Ta=25
PART NO.
PD
IFP
IF
Symbol
100
100
30
Ratings
SR
Page 4/7
mA
mW
mA
UNIT


Numéro de pièce similaire - LDD515-65-XX-RP145

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LDD515-65-XX-RP18 LIGITEK-LDD515-65-XX-RP18 Datasheet
98Kb / 8P
   DUAL DIGIT LED DISPLAY (0.5Inch)
More results

Description similaire - LDD515-65-XX-RP145

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LDD515-63H-XX LIGITEK-LDD515-63H-XX Datasheet
163Kb / 9P
   DUAL DIGIT LED DISPLAY (0.5Inch)
LDD515-65-XX-RP18 LIGITEK-LDD515-65-XX-RP18 Datasheet
98Kb / 8P
   DUAL DIGIT LED DISPLAY (0.5Inch)
logo
Kingbright Corporation
SC05-11SRWA KINGBRIGHT-SC05-11SRWA Datasheet
195Kb / 4P
   12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SA05-11EWA KINGBRIGHT-SA05-11EWA Datasheet
197Kb / 4P
   12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SA05-11SRWA KINGBRIGHT-SA05-11SRWA Datasheet
197Kb / 4P
   12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SC05-11GWA KINGBRIGHT-SC05-11GWA Datasheet
197Kb / 4P
   12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SC05-11EWA KINGBRIGHT-SC05-11EWA Datasheet
198Kb / 4P
   12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SA05-11SURKWA KINGBRIGHT-SA05-11SURKWA Datasheet
352Kb / 6P
   12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SA05-11CGKWA KINGBRIGHT-SA05-11CGKWA Datasheet
351Kb / 6P
   12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SA05-11SYKWA KINGBRIGHT-SA05-11SYKWA Datasheet
354Kb / 6P
   12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com