Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LDD505-65F-XX-PF Fiches technique(PDF) 6 Page - LIGITEK electronics co., ltd.

No de pièce LDD505-65F-XX-PF
Description  DUAL DIGIT LED DISPLAY (0.5 lnch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LDD505-65F-XX-PF Fiches technique(HTML) 6 Page - LIGITEK electronics co., ltd.

  LDD505-65F-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LDD505-65F-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LDD505-65F-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LDD505-65F-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LDD505-65F-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LDD505-65F-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LDD505-65F-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LDD505-65F-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LDD505-65F-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Luminous Intensity Matching Ratio
Reverse Current Any Chip
IV-M
Ir
Vr=5V
μA
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Forward Voltage Per Chip
Luminous Intensity Per Chip
Parameter
Dominant Wavelength
Spectral Line Half-Width
Iv
△λ
λD
Vf
Symbol
Test Condition For Each Parameter
Test Condition
If=20mA
If=20mA
If=10mA
If=20mA
mcd
nm
nm
volt
Unit
Page 5/8
PART NO. LDD505/65F-XX-PF


Numéro de pièce similaire - LDD505-65F-XX-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LDD505-61-XX-P10-PF LIGITEK-LDD505-61-XX-P10-PF Datasheet
144Kb / 9P
   DUAL DIGIT LED DISPLAY (0.5 lnch)
LDD505-62-XX-P10-PF LIGITEK-LDD505-62-XX-P10-PF Datasheet
140Kb / 9P
   DUAL DIGIT LED DISPLAY (0.5 lnch)
More results

Description similaire - LDD505-65F-XX-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LDD505-61-XX-P10-PF LIGITEK-LDD505-61-XX-P10-PF Datasheet
144Kb / 9P
   DUAL DIGIT LED DISPLAY (0.5 lnch)
LDD505-62-XX-P10-PF LIGITEK-LDD505-62-XX-P10-PF Datasheet
140Kb / 9P
   DUAL DIGIT LED DISPLAY (0.5 lnch)
LDD305-61-XX-RP128-PF LIGITEK-LDD305-61-XX-RP128-PF Datasheet
136Kb / 9P
   DUAL DIGIT LED DISPLAY (0.30 lnch)
LDD305-62-XX-PF LIGITEK-LDD305-62-XX-PF Datasheet
135Kb / 9P
   DUAL DIGIT LED DISPLAY (0.30 lnch)
LDD405-61-XX-S4-PF LIGITEK-LDD405-61-XX-S4-PF Datasheet
133Kb / 9P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
LDD425-61-XX-S4-PF LIGITEK-LDD425-61-XX-S4-PF Datasheet
145Kb / 9P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
LDD445-61-XX-PF LIGITEK-LDD445-61-XX-PF Datasheet
157Kb / 9P
   DUAL DIGIT LED DISPLAY (0.39 lnch)
LDD511-2DBK-XX-RP4-PF LIGITEK-LDD511-2DBK-XX-RP4-PF Datasheet
126Kb / 9P
   DUAL DIGIT LED DISPLAY (0.56 lnch)
LDD4A5-65-XX-F1-PF LIGITEK-LDD4A5-65-XX-F1-PF Datasheet
142Kb / 9P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
LDD405-61-XX-PF LIGITEK-LDD405-61-XX-PF Datasheet
133Kb / 9P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com