Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LDD505-61-XX-P10-PF Fiches technique(PDF) 7 Page - LIGITEK electronics co., ltd.

No de pièce LDD505-61-XX-P10-PF
Description  DUAL DIGIT LED DISPLAY (0.5 lnch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LDD505-61-XX-P10-PF Fiches technique(HTML) 7 Page - LIGITEK electronics co., ltd.

  LDD505-61-XX-P10-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LDD505-61-XX-P10-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LDD505-61-XX-P10-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LDD505-61-XX-P10-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LDD505-61-XX-P10-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LDD505-61-XX-P10-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LDD505-61-XX-P10-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LDD505-61-XX-P10-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LDD505-61-XX-P10-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
600
0.0
0.5
Wavelength (nm)
700
800
900
Ambient Temperature(
)
Fig.5 Relative Intensity vs. Wavelength
Fig.3 Forward Voltage vs. Temperature
1.0
-20
-40
0.8
1.0
0.9
1.1
1.2
0.5
-20
Ambient Temperature(
)
80
60
40
20
0
-40
100
0.0
80
60
0
20
40
100
Fig.4 Relative Intensity vs. Temperature
2.5
1.5
1.0
2.0
3.0
Fig.1 Forward current vs. Forward Voltage
Typical Electro-Optical Characteristics Curve
100
0.1
1.0
1.0
10
1000
H CHIP
Forward Voltage(V)
2.0
3.0
4.0
5.0
1.0
0.0
1.5
1.0
0.5
2.0
2.5
Forward Current(mA)
10
100
1000
Fig.2 Relative Intensity vs. Forward Current
3.0
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
1000
6/8
Page
PART NO. LDD505/61-XX/P10-PF


Numéro de pièce similaire - LDD505-61-XX-P10-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LDD505-62-XX-P10-PF LIGITEK-LDD505-62-XX-P10-PF Datasheet
140Kb / 9P
   DUAL DIGIT LED DISPLAY (0.5 lnch)
LDD505-65F-XX-PF LIGITEK-LDD505-65F-XX-PF Datasheet
139Kb / 9P
   DUAL DIGIT LED DISPLAY (0.5 lnch)
More results

Description similaire - LDD505-61-XX-P10-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LDD505-65F-XX-PF LIGITEK-LDD505-65F-XX-PF Datasheet
139Kb / 9P
   DUAL DIGIT LED DISPLAY (0.5 lnch)
LDD505-62-XX-P10-PF LIGITEK-LDD505-62-XX-P10-PF Datasheet
140Kb / 9P
   DUAL DIGIT LED DISPLAY (0.5 lnch)
LDD305-61-XX-RP128-PF LIGITEK-LDD305-61-XX-RP128-PF Datasheet
136Kb / 9P
   DUAL DIGIT LED DISPLAY (0.30 lnch)
LDD305-62-XX-PF LIGITEK-LDD305-62-XX-PF Datasheet
135Kb / 9P
   DUAL DIGIT LED DISPLAY (0.30 lnch)
LDD405-61-XX-S4-PF LIGITEK-LDD405-61-XX-S4-PF Datasheet
133Kb / 9P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
LDD425-61-XX-S4-PF LIGITEK-LDD425-61-XX-S4-PF Datasheet
145Kb / 9P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
LDD445-61-XX-PF LIGITEK-LDD445-61-XX-PF Datasheet
157Kb / 9P
   DUAL DIGIT LED DISPLAY (0.39 lnch)
LDD511-2DBK-XX-RP4-PF LIGITEK-LDD511-2DBK-XX-RP4-PF Datasheet
126Kb / 9P
   DUAL DIGIT LED DISPLAY (0.56 lnch)
LDD4A5-65-XX-F1-PF LIGITEK-LDD4A5-65-XX-F1-PF Datasheet
142Kb / 9P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
LDD405-61-XX-PF LIGITEK-LDD405-61-XX-PF Datasheet
133Kb / 9P
   DUAL DIGIT LED DISPLAY (0.40 lnch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com