Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LDBKDGM5293 Fiches technique(PDF) 3 Page - LIGITEK electronics co., ltd.

No de pièce LDBKDGM5293
Description  DUAL COLOR LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LDBKDGM5293 Fiches technique(HTML) 3 Page - LIGITEK electronics co., ltd.

  LDBKDGM5293 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LDBKDGM5293 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LDBKDGM5293 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LDBKDGM5293 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LDBKDGM5293 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LDBKDGM5293 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LDBKDGM5293 Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
98
550
350
3.5
4.0
36
525
470
Dominant
wave
length
λDnm
Water Clear
Green
Blue
InGaN/GaN
InGaN/GaN
LDBKDGM5293
-30
+100
-20
+80
120
50
100
30
DGM
COLOR
Lens
MATERIAL
PART NO
Emitted
160
Luminous
intensity
@20mA(mcd)
Typ.
30
Spectral
halfwidth
△λnm
4.0
Max.
Forward
voltage
@
mA(V)
3.5
Typ.
20
90
Min.
Viewing
angle
2
θ1/2
(deg)
98
2/6
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
UNIT
mA
mA
μA
mW
30
100
DBK
Ratings
Ir
120
Forward Current
Peak Forward Current
Duty 1/10@10KHz
Parameter
Operating Temperature
Storage Temperature
Reverse Current @5V
Power Dissipation
Typical Electrical & Optical Characteristics (Ta=25
)
Symbol
Topr
Tstg
IF
PD
IFP
Absolute Maximum Ratings at Ta=25
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Electrostatic Discharge( * )
ESD
V
150
PEAK
wave
length
λPnm
----
518
LDBKDGM5293
PART NO.
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
*


Numéro de pièce similaire - LDBKDGM5293

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LDBKDBK44243-A LIGITEK-LDBKDBK44243-A Datasheet
199Kb / 8P
   ROUND TYPE LED LAMPS
More results

Description similaire - LDBKDGM5293

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LHRF9UG2692-R12-PF LIGITEK-LHRF9UG2692-R12-PF Datasheet
149Kb / 7P
   DUAL COLOR LED LAMPS
LHRF9UG23092-P1 LIGITEK-LHRF9UG23092-P1 Datasheet
88Kb / 6P
   DUAL COLOR LED LAMPS
LHRF9UG42292-R1-PF LIGITEK-LHRF9UG42292-R1-PF Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LHRF9UG42293-S14-PF LIGITEK-LHRF9UG42293-S14-PF Datasheet
113Kb / 7P
   DUAL COLOR LED LAMPS
LHY9UG34063-R1-PF LIGITEK-LHY9UG34063-R1-PF Datasheet
129Kb / 7P
   DUAL COLOR LED LAMPS
LSBKS9UG2093 LIGITEK-LSBKS9UG2093 Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LSRF9UG42292-R1-PF LIGITEK-LSRF9UG42292-R1-PF Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LSRFSBK2093-R1-PF LIGITEK-LSRFSBK2093-R1-PF Datasheet
161Kb / 7P
   DUAL COLOR LED LAMPS
LSRFSBKS3393-R1 LIGITEK-LSRFSBKS3393-R1 Datasheet
122Kb / 7P
   DUAL COLOR LED LAMPS
LSRFVG2092-R1 LIGITEK-LSRFVG2092-R1 Datasheet
110Kb / 6P
   DUAL COLOR LED LAMPS
LSRFVY3392-R1-PF LIGITEK-LSRFVY3392-R1-PF Datasheet
126Kb / 7P
   DUAL COLOR LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com