Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LDBK13733Z-TBS-X Fiches technique(PDF) 3 Page - LIGITEK electronics co., ltd.

No de pièce LDBK13733Z-TBS-X
Description  TAPE AND BOX TYPE LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LDBK13733Z-TBS-X Fiches technique(HTML) 3 Page - LIGITEK electronics co., ltd.

  LDBK13733Z-TBS-X Datasheet HTML 1Page - LIGITEK electronics co., ltd. LDBK13733Z-TBS-X Datasheet HTML 2Page - LIGITEK electronics co., ltd. LDBK13733Z-TBS-X Datasheet HTML 3Page - LIGITEK electronics co., ltd. LDBK13733Z-TBS-X Datasheet HTML 4Page - LIGITEK electronics co., ltd. LDBK13733Z-TBS-X Datasheet HTML 5Page - LIGITEK electronics co., ltd. LDBK13733Z-TBS-X Datasheet HTML 6Page - LIGITEK electronics co., ltd. LDBK13733Z-TBS-X Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
*
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
2/6
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
UNIT
mA
μA
mW
mA
Ratings
DBK
Symbol
100
50
120
IFP
Ir
PD
IF
30
V
8000
ESD
Tstg
Topr
-30 ~ +100
-20 ~ +80
Typ.
Max. Min.
Luminous
intensity
@
mA(mcd)
20
Viewing
angle
2
θ 1/2
(deg)
Dominant
D
Spectral
halfwidth
△λnm
wave
length
λ nm
COLOR
Lens
Emitted
Forward
voltage
@20mA(V)
Typ.
Water Clear
Blue
470
30
3.5
4.0
28
2700
1800
Parameter
Power Dissipation
Forward Current
Storage Temperature
MATERIAL
PART NO
InGaN/GaN
LDBK13733Z/TBS-X
Peak Forward Current
Duty 1/10@10KHz
Reverse Current @5V
Electrostatic Discharge( * )
Operating Temperature
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Absolute Maximum Ratings at Ta=25
Typical Electrical & Optical Characteristics (Ta=25
)
LDBK13733Z/TBS-X
PART NO.


Numéro de pièce similaire - LDBK13733Z-TBS-X

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LDBK13733Z LIGITEK-LDBK13733Z Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
More results

Description similaire - LDBK13733Z-TBS-X

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LDBK2640-TBS-X LIGITEK-LDBK2640-TBS-X Datasheet
122Kb / 6P
   TAPE AND BOX TYPE LED LAMPS
LVG2641-P1-PF-TBS-X LIGITEK-LVG2641-P1-PF-TBS-X Datasheet
135Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LDBK3333-H0-TBS LIGITEK-LDBK3333-H0-TBS Datasheet
90Kb / 6P
   TAPE AND BOX TYPE LED LAMPS
LI2341-PF-TBS-3 LIGITEK-LI2341-PF-TBS-3 Datasheet
145Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LI2640-S79-PF-TBS-X LIGITEK-LI2640-S79-PF-TBS-X Datasheet
126Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LPT3323-TBS-X-PF LIGITEK-LPT3323-TBS-X-PF Datasheet
111Kb / 6P
   TAPE AND BOX TYPE LED LAMPS
LVG13743-PF-TBS-X LIGITEK-LVG13743-PF-TBS-X Datasheet
132Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LDGM32840-S4-TBS-X LIGITEK-LDGM32840-S4-TBS-X Datasheet
157Kb / 6P
   TAPE AND BOX TYPE LED LAMPS
LG3330-H0-PF-TBS-X LIGITEK-LG3330-H0-PF-TBS-X Datasheet
126Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LHIR2042-S78-PF-TBS-X LIGITEK-LHIR2042-S78-PF-TBS-X Datasheet
172Kb / 10P
   TAPE AND BOX TYPE LED LAMPS
LHY22840-S11-PF-TBS-1 LIGITEK-LHY22840-S11-PF-TBS-1 Datasheet
121Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com