Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LDBK4333 Fiches technique(PDF) 2 Page - LIGITEK electronics co., ltd.

No de pièce LDBK4333
Description  CYLINDRICAL TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LDBK4333 Fiches technique(HTML) 2 Page - LIGITEK electronics co., ltd.

  LDBK4333 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LDBK4333 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LDBK4333 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LDBK4333 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LDBK4333 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LDBK4333 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
5.0
Package Dimensions
1.5MAX
6.8
LDBK4333
PART NO.
1/5
Page
2.54TYP
1.0MIN
+
-
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
30
°
0
°
Directivity Radiation
-30
°
75%
50%
25%
0
25%
-60
°
75%
100%
50%
100%
60
°
0.5
TYP
25.0MIN


Numéro de pièce similaire - LDBK4333

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LDBK4333Z LIGITEK-LDBK4333Z Datasheet
135Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
More results

Description similaire - LDBK4333

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LWK4843Z-AOP-C01 LIGITEK-LWK4843Z-AOP-C01 Datasheet
206Kb / 8P
   CYLINDRICAL TYPE LED LAMPS
L8UG4043-PF LIGITEK-L8UG4043-PF Datasheet
222Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LDBK4843Z LIGITEK-LDBK4843Z Datasheet
136Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LSEFDGM24543-S195 LIGITEK-LSEFDGM24543-S195 Datasheet
118Kb / 7P
   CYLINDRICAL TYPE LED LAMPS
LDBK4741 LIGITEK-LDBK4741 Datasheet
113Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LDBK4840 LIGITEK-LDBK4840 Datasheet
111Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LG4040-PF LIGITEK-LG4040-PF Datasheet
113Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LI4630-PF LIGITEK-LI4630-PF Datasheet
110Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LH4733-PF LIGITEK-LH4733-PF Datasheet
111Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LI4841-PF LIGITEK-LI4841-PF Datasheet
110Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
LPG4733-PF LIGITEK-LPG4733-PF Datasheet
111Kb / 6P
   CYLINDRICAL TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com