Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LDBK2642 Fiches technique(PDF) 2 Page - LIGITEK electronics co., ltd.

No de pièce LDBK2642
Description  ROUND TYPE LED LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LDBK2642 Fiches technique(HTML) 2 Page - LIGITEK electronics co., ltd.

  LDBK2642 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LDBK2642 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LDBK2642 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LDBK2642 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LDBK2642 Datasheet HTML 5Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Directivity Radiation
Note : 1.All dimension are in millimeter tolerance is ±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
Package Dimensions
LDBK2642
PART NO.
Page 1/4
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
4.3
3.3
1.5
MAX
□0.5
TYP
1.0MIN
25.0MIN
2.54TYP
3.1
2.9


Numéro de pièce similaire - LDBK2642

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LDBK2640-AS-H LIGITEK-LDBK2640-AS-H Datasheet
132Kb / 6P
   ROUND TYPE LED LAMPS
LDBK2640-H LIGITEK-LDBK2640-H Datasheet
132Kb / 6P
   ROUND TYPE LED LAMPS
LDBK2640-S76-TBS-X LIGITEK-LDBK2640-S76-TBS-X Datasheet
124Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LDBK2640-S77 LIGITEK-LDBK2640-S77 Datasheet
129Kb / 6P
   ROUND TYPE LED LAMPS
LDBK2640-TBS-X LIGITEK-LDBK2640-TBS-X Datasheet
122Kb / 6P
   TAPE AND BOX TYPE LED LAMPS
More results

Description similaire - LDBK2642

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
L8I2041-PF LIGITEK-L8I2041-PF Datasheet
116Kb / 6P
   ROUND TYPE LED LAMPS
L8SEF3330-PF LIGITEK-L8SEF3330-PF Datasheet
131Kb / 6P
   ROUND TYPE LED LAMPS
L8G2040-PF LIGITEK-L8G2040-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LUY2040 LIGITEK-LUY2040 Datasheet
103Kb / 5P
   ROUND TYPE LED LAMPS
LDBK12740 LIGITEK-LDBK12740 Datasheet
70Kb / 5P
   ROUND TYPE LED LAMPS
LDBK13733-OD LIGITEK-LDBK13733-OD Datasheet
112Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13740 LIGITEK-LDBK13740 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13742-OD LIGITEK-LDBK13742-OD Datasheet
115Kb / 6P
   ROUND TYPE LED LAMPS
LDBK32243 LIGITEK-LDBK32243 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK42443Z-S10 LIGITEK-LDBK42443Z-S10 Datasheet
114Kb / 6P
   ROUND TYPE LED LAMPS
LDBK63233-P1 LIGITEK-LDBK63233-P1 Datasheet
99Kb / 5P
   ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com