Moteur de recherche de fiches techniques de composants électroniques |
|
CDBER40-HF Fiches technique(PDF) 1 Page - Comchip Technology |
|
CDBER40-HF Fiches technique(HTML) 1 Page - Comchip Technology |
1 / 4 page Io = 200 mA VR = 40 Volts CDBER40-HF SMD Schottky Barrier Diode QW-G1011 Page 1 REV:A SMD Diodes Specialist (RoHs Device) O Maximum Rating (at TA=25 C unless otherwise noted) Typ IO VR(RMS) VR VRM Average forward rectified current Reverse voltage Peak reverse voltage Symbol Parameter Conditions Min Max Unit RMS reverse voltage mA V V V 200 28 40 40 IFSM Forward current,surge peak 8.3 ms single half sine-wave superimposed on rate load(JEDEC method) A 0.6 PD Power dissipation mW 150 TSTG Tj Storage temperature Junction temperature OC OC +125 +125 -65 Symbol Typ Parameter Conditions Min Max Unit Forward voltage IF = 40mA IF = 1mA VF V 1 0.38 O Electrical Characteristics (at TA=25 C unless otherwise noted) Reverse current Capacitance between terminals Reverse recovery time VR = 30V f = 1 MHz, and 0 VDC reverse voltage IF=IR=10mA,Irr=0.1xIR,RL=100 ohm IR CT Trr uA pF nS 5 5 0.2 Features Halogen free. Low reverse current. Designed for mounting on small surface. Extremely thin/leadless package. Majority carrier conduction. Mechanical data Case: 0503(1308) standard package, molded plastic. Terminals: Gold plated, solderable per MIL-STD-750,method 2026. Marking code: cathode band & BC Mounting position: Any Weight: 0.002 gram(approx.). 0.053(1.35) 0.045(1.15) 0.034(0.85) 0.026(0.65) 0.030(0.75) 0.024(0.60) Dimensions in inches and (millimeter) 0503(1308) 0.022(0.55) Typ. 0.016(0.40) Typ. Comchip Technology CO., LTD. |
Numéro de pièce similaire - CDBER40-HF |
|
Description similaire - CDBER40-HF |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |