Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AZV99XR Fiches technique(PDF) 10 Page - Arizona Microtek, Inc

No de pièce AZV99XR
Description  PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AZM [Arizona Microtek, Inc]
Site Internet  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZV99XR Fiches technique(HTML) 10 Page - Arizona Microtek, Inc

Back Button AZV99XR Datasheet HTML 6Page - Arizona Microtek, Inc AZV99XR Datasheet HTML 7Page - Arizona Microtek, Inc AZV99XR Datasheet HTML 8Page - Arizona Microtek, Inc AZV99XR Datasheet HTML 9Page - Arizona Microtek, Inc AZV99XR Datasheet HTML 10Page - Arizona Microtek, Inc AZV99XR Datasheet HTML 11Page - Arizona Microtek, Inc AZV99XR Datasheet HTML 12Page - Arizona Microtek, Inc AZV99XR Datasheet HTML 13Page - Arizona Microtek, Inc AZV99XR Datasheet HTML 14Page - Arizona Microtek, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AZV99
June 2009 * REV - 13
www.azmicrotek.com
10
D
4mA
470
VBB/D
EN
VEE
QHG
Q
QHG
AZV99T
AZV99N
CMOS/TTL
THRESHOLD
LOGIC DIAGRAM AND PINOUTS FOR
AZV99T, AZV99N
4
3
2
1
D
8
5
6
7
Q
EN
VBB / D
VCC
QHG
QHG
VEE
AZV99T
TSSOP 8
EN follows CMOS/TTL functionality. See the
Timing Diagram.
4
3
2
1
6
5
8
7
MLP 8, 2x2mm
AZV99N
QHG
QHG
EN
Q
VBB/D
VCC
TOP VIEW
VEE
D
Bottom Center Pad may be left open
or tied to VEE. Pin 5 is the VEE return.


Numéro de pièce similaire - AZV99XR

FabricantNo de pièceFiches techniqueDescription
logo
Arizona Microtek, Inc
AZV99XP AZM-AZV99XP Datasheet
226Kb / 15P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
More results

Description similaire - AZV99XR

FabricantNo de pièceFiches techniqueDescription
logo
Arizona Microtek, Inc
AZV99 AZM-AZV99 Datasheet
226Kb / 15P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99 AZM-AZV99_12 Datasheet
745Kb / 14P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VR AZM-AZ100LVEL16VR Datasheet
191Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VT AZM-AZ100LVEL16VT Datasheet
215Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VR AZM-AZ100LVEL16VR_12 Datasheet
739Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
List of Unclassifed Man...
AZ100LVEL16VR ETC-AZ100LVEL16VR Datasheet
178Kb / 6P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VT AZM-AZ100LVEL16VT_12 Datasheet
486Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ10EL16VO AZM-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
List of Unclassifed Man...
AZ10EL16VO ETC2-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VV AZM-AZ100LVEL16VV_12 Datasheet
473Kb / 9P
   Dual Frequency PECL/ECL Oscillator Gain Stage & Buffer with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com