Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA190B-YG-S1-PF Fiches technique(PDF) 2 Page - LIGITEK electronics co., ltd.

No de pièce LA190B-YG-S1-PF
Description  LED ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA190B-YG-S1-PF Fiches technique(HTML) 2 Page - LIGITEK electronics co., ltd.

  LA190B-YG-S1-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA190B-YG-S1-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA190B-YG-S1-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA190B-YG-S1-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA190B-YG-S1-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA190B-YG-S1-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LA190B-YG-S1-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2.9
3.1
0.5
TYP
25.0MIN
2.54TYP
1
1.0MIN
2
3.3
4.3
1
2
G
Y
2.54TYP
4.55
±0.5
LYG2662/R1-PF
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
1
2
Ø 3.25
4.8
4.6
PART NO. LA190B/YG-S1-PF
Package Dimensions
Page 1/6
2.9
7.4
3.5
±0.5
2.3
±0.5
6.3
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
2
1
Y
G


Numéro de pièce similaire - LA190B-YG-S1-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LA190B-9UG-1-PF LIGITEK-LA190B-9UG-1-PF Datasheet
95Kb / 6P
   LED ARRAY
LA190B-DBK-2-PF LIGITEK-LA190B-DBK-2-PF Datasheet
96Kb / 6P
   LED ARRAY
LA190B-DBK-S3-PF LIGITEK-LA190B-DBK-S3-PF Datasheet
134Kb / 6P
   LED ARRAY
LA190B-DBK-S4-PF LIGITEK-LA190B-DBK-S4-PF Datasheet
96Kb / 6P
   LED ARRAY
LA190B-EG-S1-PF LIGITEK-LA190B-EG-S1-PF Datasheet
157Kb / 8P
   LED ARRAY
More results

Description similaire - LA190B-YG-S1-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com