Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD040QT2 Fiches technique(PDF) 4 Page - AZ Displays

No de pièce PD040QT2
Description  TECHNICAL SPECIFICATION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AZDISPLAYS [AZ Displays]
Site Internet  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD040QT2 Fiches technique(HTML) 4 Page - AZ Displays

  PD040QT2 Datasheet HTML 1Page - AZ Displays PD040QT2 Datasheet HTML 2Page - AZ Displays PD040QT2 Datasheet HTML 3Page - AZ Displays PD040QT2 Datasheet HTML 4Page - AZ Displays PD040QT2 Datasheet HTML 5Page - AZ Displays PD040QT2 Datasheet HTML 6Page - AZ Displays PD040QT2 Datasheet HTML 7Page - AZ Displays PD040QT2 Datasheet HTML 8Page - AZ Displays PD040QT2 Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
PD040QT2
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.
PAGE:4
1. Application
This data sheet applies to a color TFT LCD module, PD040QT2.This module applies to OA
product(must use Analog to Digital driving board), which requires high quality flat panel display. If you
must use in severe reliability environment, please don’t extend over PVI’s reliability test conditions.
2. Features
. Amorphous silicon TFT LCD panel with LED back-light unit
. Pixel in stripe configuration
. Slim and compact, designed for O/A application
. TTL transmission interface
3. Mechanical Specifications
Parameter
Specifications
Unit
Screen Size
4 (diagonal)
inch
Display Format
320 (RGB) 240
dot
Active Area
81.12 (H) 60.84 (V)
mm
Pixel Pitch
0.2535(H) 0.2535 (V)
mm
Pixel Configuration
Stripe
Display Colors
262,144
Surface Treatment
Anti-Glare +EWV
Back-light
8-LEDs
Outline Dimension
93.00(W) 74.10 (H) 8.30 (D)(typ.)
mm
Weight
78 5
g
Display mode
Normally white
Gray scale inversion direction
6
(ref to Note 12-1 )
o’clock
P-511-528(V:1)


Numéro de pièce similaire - PD040QT2

FabricantNo de pièceFiches techniqueDescription
logo
AZ Displays
PD040QX2 AZDISPLAYS-PD040QX2 Datasheet
1Mb / 34P
   color TFT LCD module
More results

Description similaire - PD040QT2

FabricantNo de pièceFiches techniqueDescription
logo
AZ Displays
PD035OX1 AZDISPLAYS-PD035OX1_08 Datasheet
821Kb / 31P
   TECHNICAL SPECIFICATION
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
   TECHNICAL SPECIFICATION
PD050VL1 AZDISPLAYS-PD050VL1 Datasheet
872Kb / 21P
   TECHNICAL SPECIFICATION
PM070WL3 AZDISPLAYS-PM070WL3 Datasheet
638Kb / 23P
   TECHNICAL SPECIFICATION
PD024OX8 AZDISPLAYS-PD024OX8 Datasheet
2Mb / 39P
   TECHNICAL SPECIFICATION
PD057VU6 AZDISPLAYS-PD057VU6 Datasheet
917Kb / 22P
   TECHNICAL SPECIFICATION
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
   TECHNICAL SPECIFICATION
PD080SL1 AZDISPLAYS-PD080SL1 Datasheet
1Mb / 26P
   TECHNICAL SPECIFICATION
PD057VT2 AZDISPLAYS-PD057VT2 Datasheet
485Kb / 19P
   TECHNICAL SPECIFICATION
PM070WT1 AZDISPLAYS-PM070WT1 Datasheet
502Kb / 23P
   TECHNICAL SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com