Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BDX20 Fiches technique(PDF) 1 Page - Comset Semiconductor

No de pièce BDX20
Description  PNP SILICON TRANSISTORS EPITAXIAL BASE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COMSET [Comset Semiconductor]
Site Internet  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDX20 Fiches technique(HTML) 1 Page - Comset Semiconductor

  BDX20 Datasheet HTML 1Page - Comset Semiconductor BDX20 Datasheet HTML 2Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
COMSET SEMICONDUCTORS
1/2
BDX20
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCBO
Collector to Base Voltage
-60
V
VCEO
#Collector-Emitter Voltage
-140
V
VCEX
Collector-Emitter Voltage
VBE=1.5 V
-160
V
VEBO
Emitter-Base Voltage
-7
V
IC
Collector Current – Continuous
-10
A
IB
Base Current – Continuous
-7
A
PTOT
Total Device Dissipation
117
Watts
TJ
Junction Temperature
200
°C
TS
Storage Temperature
-65 to
+200
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJC
Thermal Resistance, Junction to Case
1.5
°C/W
PNP SILICON TRANSISTORS EPITAXIAL BASE
LF Large Signal Power Amplification
High Current Fast Switching
Thermal Fatigue Inspection


Numéro de pièce similaire - BDX20

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
BDX20 ETC-BDX20 Datasheet
132Kb / 2P
   PNP SILICON TRANSISTORS EPITAXIAL BASE
logo
Inchange Semiconductor ...
BDX20 ISC-BDX20 Datasheet
77Kb / 2P
   isc Silicon PNP Power Transistor
logo
Seme LAB
BDX20 SEME-LAB-BDX20 Datasheet
16Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3
logo
Comset Semiconductor
BDX20 COMSET-BDX20 Datasheet
75Kb / 3P
   SILICON TRANSISTORS EPITAXIAL BASE
logo
New Jersey Semi-Conduct...
BDX20 NJSEMI-BDX20 Datasheet
135Kb / 2P
   Silicon PNP Power Transistor
More results

Description similaire - BDX20

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
BDX20 ETC-BDX20 Datasheet
132Kb / 2P
   PNP SILICON TRANSISTORS EPITAXIAL BASE
logo
Comset Semiconductor
2N4901 COMSET-2N4901_12 Datasheet
84Kb / 3P
   PNP SILICON TRANSISTORS, EPITAXIAL BASE
2N4901 COMSET-2N4901 Datasheet
130Kb / 3P
   PNP SILICON TRANSISTORS, EPITAXIAL BASE
logo
New Jersey Semi-Conduct...
BDX18 NJSEMI-BDX18 Datasheet
85Kb / 2P
   PNP SILICON TRANSISTORS, EPITAXIAL BASE
logo
Micro Electronics
BD242 MICRO-ELECTRONICS-BD242 Datasheet
98Kb / 2P
   PNP SILICON EPITAXIAL BASE POWER TRANSISTORS
logo
List of Unclassifed Man...
2N6246 ETC-2N6246 Datasheet
359Kb / 7P
   SILICON PNP EPITAXIAL BASE HIGH POWER TRANSISTORS
logo
General Semiconductor
BD201 GE-BD201 Datasheet
109Kb / 3P
   EPITAXIAL BASE SILICON NPN AND PNP VERSAWATT TRANSISTORS
logo
Comset Semiconductor
BDX20 COMSET-BDX20_12 Datasheet
75Kb / 3P
   SILICON TRANSISTORS EPITAXIAL BASE
logo
List of Unclassifed Man...
BDX18 ETC-BDX18 Datasheet
156Kb / 3P
   PNP SILICON TRANSISTOR EPITAXIAL BASE
logo
Comset Semiconductor
BDX18 COMSET-BDX18 Datasheet
155Kb / 3P
   PNP SILICON TRANSISTOR EPITAXIAL BASE
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com