Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BDX18N Fiches technique(PDF) 1 Page - Comset Semiconductor

No de pièce BDX18N
Description  PNP SILICON TRANSISTOR EPITAXIAL BASE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COMSET [Comset Semiconductor]
Site Internet  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDX18N Fiches technique(HTML) 1 Page - Comset Semiconductor

  BDX18N Datasheet HTML 1Page - Comset Semiconductor BDX18N Datasheet HTML 2Page - Comset Semiconductor BDX18N Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
COMSET SEMICONDUCTORS
1/3
LF Large Signal Power Amplification
High Current Switching
Suitable for :
Series and shunt regulators
High Fidelity Amplifiers
Power-switching circuits
PNP SILICON TRANSISTOR EPITAXIAL BASE
BDX18 – BDX18N
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCEO
Collector-Emitter Voltage
BDX18
BDX18N
-60
V
-70
VCER
Collector-Emitter Voltage
RBE=100Ω
BDX18
BDX18N
-65
V
VEBO
Collector-Emitter Voltage
BDX18
BDX18N
-7
V
-100
VCBO
Emitter-Base Voltage
BDX18
BDX18N
-70
V
-90
VCEX
Collector-Emitter Voltage
VBE=+1.5 V
BDX18
BDX18N
-70
V
IC
Collector Current
BDX18
BDX18N
-15
A
IB
Base Current
BDX18
BDX18N
-7
A
PT
Power Dissipation
@ TC = 25°
BDX18
BDX18N
117
Watts
TJ
Junction Temperature
TS
Storage Temperature
BDX18
BDX18N
-65 to +200
°C


Numéro de pièce similaire - BDX18N

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
BDX18N ETC-BDX18N Datasheet
156Kb / 3P
   PNP SILICON TRANSISTOR EPITAXIAL BASE
logo
Seme LAB
BDX18N SEME-LAB-BDX18N Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3
logo
Comset Semiconductor
BDX18N COMSET-BDX18N Datasheet
79Kb / 3P
   PNP SILICON TRANSISTOR EPITAXIAL BASE
logo
New Jersey Semi-Conduct...
BDX18N NJSEMI-BDX18N Datasheet
85Kb / 2P
   PNP SILICON TRANSISTORS, EPITAXIAL BASE
More results

Description similaire - BDX18N

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
BDX18 ETC-BDX18 Datasheet
156Kb / 3P
   PNP SILICON TRANSISTOR EPITAXIAL BASE
logo
Comset Semiconductor
BDX18 COMSET-BDX18_12 Datasheet
79Kb / 3P
   PNP SILICON TRANSISTOR EPITAXIAL BASE
logo
Seme LAB
BDX14AA SEME-LAB-BDX14AA Datasheet
15Kb / 2P
   PNP SILICON TRANSISTOR, EPITAXIAL BASE
logo
Comset Semiconductor
BDX20 COMSET-BDX20 Datasheet
138Kb / 2P
   PNP SILICON TRANSISTORS EPITAXIAL BASE
logo
List of Unclassifed Man...
BDX20 ETC-BDX20 Datasheet
132Kb / 2P
   PNP SILICON TRANSISTORS EPITAXIAL BASE
logo
Comset Semiconductor
2N4901 COMSET-2N4901_12 Datasheet
84Kb / 3P
   PNP SILICON TRANSISTORS, EPITAXIAL BASE
2N4901 COMSET-2N4901 Datasheet
130Kb / 3P
   PNP SILICON TRANSISTORS, EPITAXIAL BASE
logo
New Jersey Semi-Conduct...
BDX18 NJSEMI-BDX18 Datasheet
85Kb / 2P
   PNP SILICON TRANSISTORS, EPITAXIAL BASE
logo
Seme LAB
2N3792 SEME-LAB-2N3792 Datasheet
15Kb / 2P
   PNP SILICON EPITAXIAL BASE POWER TANSISTORS
logo
Toshiba Semiconductor
2SA814 TOSHIBA-2SA814 Datasheet
102Kb / 2P
   SILICON PNP EPITAXIAL BASE MESA TYPE
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com