Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA182B-1-230-L-PF Fiches technique(PDF) 7 Page - LIGITEK electronics co., ltd.

No de pièce LA182B-1-230-L-PF
Description  LED ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA182B-1-230-L-PF Fiches technique(HTML) 7 Page - LIGITEK electronics co., ltd.

  LA182B-1-230-L-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA182B-1-230-L-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA182B-1-230-L-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA182B-1-230-L-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA182B-1-230-L-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA182B-1-230-L-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LA182B-1-230-L-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
Solder Resistance
Test
Solderability Test
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
Thermal Shock Test
High Temperature
High Humidity Test
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
This test intended to see soldering well
performed or not.
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
MIL-STD-202:103B
JIS C 7021: B-11
The purpose of this test is the resistance
of the device under tropical for hours.
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Under Room Temperature
2.If=20mA
3.t=1000 hrs (-24hrs, +72hrs)
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
High Temperature
Storage Test
Low Temperature
Storage Test
Operating Life Test
Reliability Test:
Test Item
Test Condition
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Reference
Standard
The purpose of this is the resistance of
the device which is laid under condition
of high temperature for hours.
MIL-STD-883:1008
JIS C 7021: B-10
JIS C 7021: B-12
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
This test is conducted for the purpose
of detemining the resistance of a part
in electrical and themal stressed.
Description
Page 6/6
PART NO. LA182B-1/230-L-PF


Numéro de pièce similaire - LA182B-1-230-L-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LA182B-1-230-A LIGITEK-LA182B-1-230-A Datasheet
217Kb / 6P
   LED ARRAY
LA182B-1-230-A-PF LIGITEK-LA182B-1-230-A-PF Datasheet
132Kb / 7P
   LED ARRAY
LA182B-1-230-B-PF LIGITEK-LA182B-1-230-B-PF Datasheet
111Kb / 6P
   LED ARRAY
LA182B-1-230-C-PF LIGITEK-LA182B-1-230-C-PF Datasheet
126Kb / 7P
   LED ARRAY
LA182B-1-230-D LIGITEK-LA182B-1-230-D Datasheet
147Kb / 6P
   LED ARRAY
More results

Description similaire - LA182B-1-230-L-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com