Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N3055 Fiches technique(PDF) 1 Page - Comset Semiconductor

No de pièce 2N3055
Description  POWER LINEAR AND SWITCHING APPLICATIONS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COMSET [Comset Semiconductor]
Site Internet  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N3055 Fiches technique(HTML) 1 Page - Comset Semiconductor

  2N3055 Datasheet HTML 1Page - Comset Semiconductor 2N3055 Datasheet HTML 2Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
COMSET SEMICONDUCTORS
1/2
2N3055
The 2N3055 is a silicon epitaxial-base NPN transistor in JEDEC TO-3 metal case.
It is intended for power switching circuits, series and shunt regulators, output stages
and high fidelity amplifiers.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCBO
Collector to Base Voltage
100
V
VCEO
#Collector-Emitter Voltage
60
V
VCER
Collector-Emitter Voltage
70
V
VEBO
Emitter-Base Voltage
7V
IC
Collector Current – Continuous
15
Adc
IB
Base Current – Continuous
7Adc
PD
Total Device Dissipation
@ TC = 25°
Derate above 25°
115
0.657
Watts
W/°C
TJ
Junction Temperature
200
°C
TS
Storage Temperature
-65 to
+200
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJC
Thermal Resistance, Junction to Case
1.52
°C/W
POWER LINEAR AND SWITCHING
APPLICATIONS


Numéro de pièce similaire - 2N3055

FabricantNo de pièceFiches techniqueDescription
logo
Mospec Semiconductor
2N3055 MOSPEC-2N3055 Datasheet
167Kb / 3P
   POWER TRANSISTORS(15A,50V,115W)
logo
Silicon Supplies
2N3055 SS-2N3055 Datasheet
230Kb / 2P
   NPN Transistor Bare Die
Rev 1.0 22/08/23
logo
ON Semiconductor
2N3055 ONSEMI-2N3055 Datasheet
71Kb / 4P
   Complementary Silicon Power Transistors
December, 2005 ??Rev. 6
logo
Central Semiconductor C...
2N3055 CENTRAL-2N3055 Datasheet
493Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Motorola, Inc
2N3055 MOTOROLA-2N3055 Datasheet
130Kb / 4P
   15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60 VOLTS 115 WATTS
More results

Description similaire - 2N3055

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
BDW94 FAIRCHILD-BDW94 Datasheet
39Kb / 5P
   Power Linear and Switching Applications
BDX33 FAIRCHILD-BDX33 Datasheet
39Kb / 5P
   Power Linear and Switching Applications
BDX34 FAIRCHILD-BDX34 Datasheet
39Kb / 5P
   Power Linear and Switching Applications
logo
Comset Semiconductor
BD912 COMSET-BD912 Datasheet
101Kb / 3P
   POWER LINEAR AND SWITCHING APPLICATIONS
logo
Fairchild Semiconductor
BD241 FAIRCHILD-BD241 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD242 FAIRCHILD-BD242 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD376 FAIRCHILD-BD376 Datasheet
42Kb / 4P
   Medium Power Linear and Switching Applications
BD675A FAIRCHILD-BD675A Datasheet
39Kb / 4P
   Medium Power Linear and Switching Applications
BD13816S FAIRCHILD-BD13816S Datasheet
47Kb / 4P
   Medium Power Linear and Switching Applications
BD244C FAIRCHILD-BD244C Datasheet
43Kb / 4P
   Medium Power Linear and Switching Applications
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com