Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N1595 Fiches technique(PDF) 1 Page - Comset Semiconductor

No de pièce 2N1595
Description  SILICON THYRISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COMSET [Comset Semiconductor]
Site Internet  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N1595 Fiches technique(HTML) 1 Page - Comset Semiconductor

  2N1595 Datasheet HTML 1Page - Comset Semiconductor 2N1595 Datasheet HTML 2Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
COMSET SEMICONDUCTORS
1/2
2N1595 thru 2N1599
SILICON THYRISTOR
Industrial-type, low-current silicon controlled rectifiers
in a three-lead package ideal for printed-circuit applications.
Current handling capability of 1.6 amperes at junction temperetures to 125°C
MAXIMUM RATINGS (*)
TJ=125°C unless otherwise noted
Symbol
Ratings
2N1595
2N1596
2N1597
2N1598
2N1599
VRSM(REP)
Peak reverse blocking voltage *
50
100
200
300
400
V
IT(RMS)
Forward Current RMS (all conduction
angles)
1.6
Amp
ITSM
Peak Surge Current
(One Cycle, 60Hz, TJ=-65 to +125°C)
15
Amp
PGM
Peak Gate Power – Forward
0.1
W
PG(AV)
Average Gate Power - Forward
0.01
W
IGM
Peak Gate Current – Forward
0.1
Amp
VGFM
Peak Gate Voltage - Forward
10
V
VGRM
Peak Gate Voltage - Reverse
10
V
TJ
Operating
Junction
Temperature
Range
-65 to +125
TSTG
Storage Temperature Range
-65 to +150
°C
ELECTRICAL CHARACTERISTICS
TJ=25°C unless otherwise noted, RGK=1000
Symbol
Ratings
2N1595
2N1596
2N1597
2N1598
2N1599
VDRM
Peak Forward Blocking
Voltage *
Min :
50
100
200
300
400
V
IRRM
Peak Reverse Blocking Current
(Rated
VDRM, TJ =125°C)
Max : 1.0
mA


Numéro de pièce similaire - 2N1595

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
2N1595 ETC-2N1595 Datasheet
94Kb / 2P
   SILICON THYRISTOR(low-current silicon controlled rectifiers in a three-lead package ideal for printed-circuit)
logo
New Jersey Semi-Conduct...
2N1595 NJSEMI-2N1595 Datasheet
100Kb / 1P
   Silicon Controlled Rectifiers
logo
Digitron Semiconductors
2N1595 DIGITRON-2N1595 Datasheet
134Kb / 2P
   SILICON THYRISTOR
More results

Description similaire - 2N1595

FabricantNo de pièceFiches techniqueDescription
logo
Digitron Semiconductors
2N1595 DIGITRON-2N1595 Datasheet
134Kb / 2P
   SILICON THYRISTOR
logo
Siemens Semiconductor G...
BR103 SIEMENS-BR103 Datasheet
72Kb / 4P
   SILICON MINIATURE THYRISTOR
logo
First Silicon Co., Ltd
MCK100-6 FS-MCK100-6 Datasheet
472Kb / 4P
   Silicon PNPN Thyristor
logo
GeneSiC Semiconductor, ...
GA080TH65-CAU GENESIC-GA080TH65-CAU Datasheet
236Kb / 3P
   Silicon Carbide Thyristor
logo
ON Semiconductor
NYE08-10B6TG ONSEMI-NYE08-10B6TG Datasheet
119Kb / 7P
   Silicon Bidirectional Thyristor
November, 2012??Rev. 0
logo
Siemens Semiconductor G...
BR303 SIEMENS-BR303 Datasheet
39Kb / 2P
   SILICON MINIATURE THYRISTOR
logo
GeneSiC Semiconductor, ...
GA080TH65-227SP GENESIC-GA080TH65-227SP Datasheet
313Kb / 3P
   Silicon Carbide Thyristor
logo
ON Semiconductor
NYE08-10B6ST1G ONSEMI-NYE08-10B6ST1G Datasheet
101Kb / 6P
   Silicon Bidirectional Thyristor
November, 2012 ??Rev. 0
logo
GeneSiC Semiconductor, ...
GA040TH65-CAU GENESIC-GA040TH65-CAU Datasheet
266Kb / 3P
   Silicon Carbide Thyristor
GA040TH65-227SP GENESIC-GA040TH65-227SP Datasheet
322Kb / 3P
   Silicon Carbide Thyristor
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com