Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA175B-G.2SRG.2G-PF Fiches technique(PDF) 3 Page - LIGITEK electronics co., ltd.

No de pièce LA175B-G.2SRG.2G-PF
Description  LED ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA175B-G.2SRG.2G-PF Fiches technique(HTML) 3 Page - LIGITEK electronics co., ltd.

  LA175B-G.2SRG.2G-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA175B-G.2SRG.2G-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA175B-G.2SRG.2G-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA175B-G.2SRG.2G-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA175B-G.2SRG.2G-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA175B-G.2SRG.2G-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LA175B-G.2SRG.2G-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
-40 ~ +85
Topr
Operating Temperature
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
GaP
GaAlAs
LA175B/G.2SRG.2G-PF
Green
Red
White Diffused
2.4
2.6
30
565
1.7
20
660
1.5
15
28
132
38
21
132
Typical Electrical & Optical Characteristics (Ta=25
)
MATERIAL
PART NO
Emitted
Lens
COLOR
Forward
voltage
@20mA(V)
Max.
Peak
wave
length
λPnm
Spectral
halfwidth
△λnm
Min.
Viewing
angle
2
θ 1/2
(deg)
Typ.
Min.
Luminous
intensity
@
mA(mcd)
20
Storage Temperature
Tstg
-40 ~ +100
Page 2/6
30
mA
30
IF
Forward Current
Reverse Current @5V
Ir
Power Dissipation
Peak Forward Current
Duty 1/10@10KHz
PD
IFP
10
μA
120
100
100
100
mW
mA
Absolute Maximum Ratings at Ta=25
Parameter
Symbol
SR
Ratings
G
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
GaP
Green
565
30
1.7
2.6
9.0
15
136
Green Diffused
LA175B/G.2SRG.2G-PF
PART NO.


Numéro de pièce similaire - LA175B-G.2SRG.2G-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LA175B-G.SRG.G.2X-S1 LIGITEK-LA175B-G.SRG.G.2X-S1 Datasheet
203Kb / 7P
   LED ARRAY
More results

Description similaire - LA175B-G.2SRG.2G-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com