Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MBRS140LT3 Fiches technique(PDF) 3 Page - Motorola, Inc

No de pièce MBRS140LT3
Description  Surface Mount Schottky Power Rectifier(SMB Power Mount Power Package)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBRS140LT3 Fiches technique(HTML) 3 Page - Motorola, Inc

  MBRS140LT3 Datasheet HTML 1Page - Motorola, Inc MBRS140LT3 Datasheet HTML 2Page - Motorola, Inc MBRS140LT3 Datasheet HTML 3Page - Motorola, Inc MBRS140LT3 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MBRS140LT3
3
Rectifier Device Data
Figure 7. Capacitance
Figure 8. Typical Operating Temperature Derating*
Figure 9. Thermal Response — Junction to Lead
Figure 10. Thermal Response — Junction to Ambient
30
0
VR, REVERSE VOLTAGE (VOLTS)
1000
100
10
VR, DC REVERSE VOLTAGE (VOLTS)
25
40
0
105
85
75
65
15
5.0
10
20
25
35
40
30
35
5.0
10
20
15
95
115
125
* Reverse power dissipation and the possibility of thermal runaway must be considered when operating this device under any re-
verse voltage conditions. Calculations of TJ therefore must include forward and reverse power effects. The allowable operating
TJ may be calculated from the equation:
TJ = TJmax – r(t)(Pf + Pr) where
r(t) = thermal impedance under given conditions,
Pf = forward power dissipation, and
Pr = reverse power dissipation
This graph displays the derated allowable TJ due to reverse bias under DC conditions only and is calculated as TJ = TJmax – r(t)Pr,
where r(t) = Rthja. For other power applications further calculations must be performed.
Rtja = 94°C/W
44
°C/W
63
°C/W
80
°C/W
24
°C/W
TJ = 25°C
0.1
0.00001
t, TIME (s)
1.0E+00
1.0E–01
1.0E–02
1.0E–03
1.0E–04
0.0001
0.001
0.01
1.0
10
100
1000
50%
20%
10%
5.0%
2.0%
1.0%
Rtjl(t) = Rtjl*r(t)
0.1
0.00001
t, TIME (s)
1.0E+00
1.0E–01
1.0E–02
1.0E–03
1.0E–04
0.0001
0.001
0.01
1.0
10
100
1000
50%
20%
10%
5.0%
2.0%
1.0%
Rtjl(t) = Rtjl*r(t)


Numéro de pièce similaire - MBRS140LT3

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MBRS140LT3 ONSEMI-MBRS140LT3 Datasheet
99Kb / 8P
   Surface Mount Schottky Power Rectifier
October, 2000 ??Rev. 2
MBRS140LT3 ONSEMI-MBRS140LT3 Datasheet
64Kb / 5P
   Surface Mount Schottky Power Rectifier
October, 2007 ??Rev. 3
MBRS140LT3 ONSEMI-MBRS140LT3 Datasheet
69Kb / 5P
   Surface Mount Schottky Power Rectifier
October, 2007 ??Rev. 3
MBRS140LT3G ONSEMI-MBRS140LT3G Datasheet
69Kb / 5P
   Surface Mount Schottky Power Rectifier
October, 2007 ??Rev. 3
MBRS140LT3 ONSEMI-MBRS140LT3_07 Datasheet
64Kb / 5P
   Surface Mount Schottky Power Rectifier
October, 2007 ??Rev. 3
More results

Description similaire - MBRS140LT3

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
SS22T3G ONSEMI-SS22T3G_V01 Datasheet
201Kb / 6P
   Surface Mount Schottky Power Rectifier SMB Power Surface Mount Package
March, 2020 - Rev. 8
MBRS2040LT3G ONSEMI-MBRS2040LT3G Datasheet
307Kb / 6P
   Surface Mount Schottky Power Rectifier SMB Power Surface Mount Package
December, 2019 - Rev. 6
MBRS1540T3 ONSEMI-MBRS1540T3 Datasheet
70Kb / 5P
   Surface Mount Schottky Power Rectifier SMB Power Surface Mount Package
August, 2005 ??Rev. 3
logo
Motorola, Inc
MBRS240LT3 MOTOROLA-MBRS240LT3 Datasheet
121Kb / 4P
   Surface Mount Schottky Power Rectifier(SMB Power Surface Mount Package)
MBRS2040LT3 MOTOROLA-MBRS2040LT3 Datasheet
134Kb / 4P
   Surface Mount Schottky Power Rectifier(SMB Power Surface Mount Package)
logo
ON Semiconductor
MBRS2H100T3G ONSEMI-MBRS2H100T3G_09 Datasheet
141Kb / 8P
   Surface Mount Schottky Power Rectifier SMA/SMB Power Surface Mount Package
March, 2009 ??Rev. 5
MBRS2H100T3G ONSEMI-MBRS2H100T3G_V01 Datasheet
245Kb / 8P
   Surface Mount Schottky Power Rectifier SMA/SMB Power Surface Mount Package
January, 2022 - Rev. 14
NRVBA2H100T3G ONSEMI-NRVBA2H100T3G Datasheet
120Kb / 7P
   Surface Mount Schottky Power Rectifier SMA/SMB Power Surface Mount Package
December, 2012 ??Rev. 8
MBRS1100T3 ONSEMI-MBRS1100T3_07 Datasheet
49Kb / 4P
   Schottky Power Rectifier Surface Mount Power Package
March, 2007 ??Rev. 9
logo
Motorola, Inc
MBRS1100T3 MOTOROLA-MBRS1100T3 Datasheet
77Kb / 4P
   Schottky Power Rectifier(Surface Mount Power Package)
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com