Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TP161275O Fiches technique(PDF) 2 Page - American Accurate Components, Inc.

No de pièce TP161275O
Description  CHIP TERMINATOR NETWORK - PECL, Fixed, & Power
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AAC [American Accurate Components, Inc.]
Site Internet  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

TP161275O Fiches technique(HTML) 2 Page - American Accurate Components, Inc.

  TP161275O Datasheet HTML 1Page - American Accurate Components, Inc. TP161275O Datasheet HTML 2Page - American Accurate Components, Inc. TP161275O Datasheet HTML 3Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
American Accurate Components, Inc.
CHIP TERMINATOR NETWORK – PECL, Fixed, & Power
The content of this specification may change without notification 11/18/05
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
2
Fixed Chip Terminator
ELECTRICAL CHARACTERISTICS
Series
TF18
TF28
TF28A
Size
1206
1612
1612
Characteristic Impedance
50
75
50
75
50
75
VSWR
1.1
1.2
1.1
1.2
1.1
DC~3GHz
1.3
DC~10GHz
Frequency Range
DC~3GHz
DC~2GHz
DC~3GHz
DC~2GHz
DC~10GHz
TCR
±50ppm/℃
±50ppm/℃
±50ppm/℃
Max Rated Operating Temp
70℃
70℃
70℃
Operating Temperature
-55℃ ~ +125℃
-55℃ ~ +125℃
-55℃ ~ +125℃
MECHANICAL DIAGRAM (mm)
ENVIRONMENTAL PERFORMANCE
Item
Test Condition
Requirements
Short-time Overload
Rated Voltage × 2.5, 5sec.
+/-( 0.2% + 0.05 ohm )
Resistance to Soldering Heat
260 +/- 5℃, 10 +/- 1sec.
+/-( 0.2% + 0.05 ohm )
Temperature Cycle
-55℃ ⇔ +125℃, 5 cycles
+/-( 0.2% + 0.05 ohm )
Moisture Load Life
40 +/- 2℃ 90 ~ 95%, 1000H
+/-( 0.2% + 0.05 ohm )
Load Life
70 +/- 3℃, 1000H
+/-( 0.2% + 0.05 ohm )
Insulation Resistance
DC 500V, 1 min.
1,000 M ohm
DERATING CURVE – TX & TF Series
For resistors operated at ambient temperature over 70℃, power
rating shall be derated in accordance with figure 1.
The rated voltage is calculated by the following formula:
E= √P * R
E=Rated Voltage(V)
P=Rated Power(W)
R=Resistance Value(Ω)


Numéro de pièce similaire - TP161275O

FabricantNo de pièceFiches techniqueDescription
logo
DB Unlimited.
TP164003-2 DBUNLIMITED-TP164003-2 Datasheet
554Kb / 1P
   Released from Engineering
TP164009-1 DBUNLIMITED-TP164009-1 Datasheet
538Kb / 1P
   Released from Engineering
TP164009-2 DBUNLIMITED-TP164009-2 Datasheet
698Kb / 1P
   Released from Engineering
logo
3PEAK INC.
TP1671 3PEAK-TP1671 Datasheet
1Mb / 15P
   12V, 7MHz, 20V/關s Op Amps
TP1671-SR 3PEAK-TP1671-SR Datasheet
1Mb / 15P
   12V, 7MHz, 20V/關s Op Amps
More results

Description similaire - TP161275O

FabricantNo de pièceFiches techniqueDescription
logo
KOA Speer Electronics, ...
CTXS03T KOA-CTXS03T Datasheet
75Kb / 1P
   PECL clock terminator networks
DNAG20TTEB KOA-DNAG20TTEB Datasheet
211Kb / 2P
   diode terminator network
DNAS03T KOA-DNAS03T Datasheet
102Kb / 2P
   diode terminator network
logo
Level One
FCS-5063 LVL1-FCS-5063 Datasheet
675Kb / 4P
   Fixed Network Camera
FCS-5053 LVL1-FCS-5053 Datasheet
683Kb / 4P
   Fixed Network Camera
FCS-1153 LVL1-FCS-1153 Datasheet
519Kb / 4P
   Fixed Network Camera
FCS-1131 LVL1-FCS-1131 Datasheet
529Kb / 5P
   Fixed Network Camera
FCS-5064 LVL1-FCS-5064 Datasheet
718Kb / 4P
   Fixed Network Camera
FCS-1152 LVL1-FCS-1152 Datasheet
540Kb / 4P
   Fixed Network Camera
FCS-5054 LVL1-FCS-5054 Datasheet
511Kb / 4P
   Fixed Network Camera
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com