Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA140B-1-HYSGM-5-PF Fiches technique(PDF) 5 Page - LIGITEK electronics co., ltd.

No de pièce LA140B-1-HYSGM-5-PF
Description  LED ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA140B-1-HYSGM-5-PF Fiches technique(HTML) 5 Page - LIGITEK electronics co., ltd.

  LA140B-1-HYSGM-5-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA140B-1-HYSGM-5-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA140B-1-HYSGM-5-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA140B-1-HYSGM-5-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA140B-1-HYSGM-5-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA140B-1-HYSGM-5-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LA140B-1-HYSGM-5-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1.5
1.0
0.5
0.0
2.0
Fig.4 Relative Intensity vs. Temperature
Wavelength (nm)
450
0.0
0.5
500
550
600
Ambient Temperature(
)
Fig.5 Relative Intensity vs. Wavelength
Fig.3 Forward Current vs. Temperature
10
1.0
0
0
20
50
30
20
40
60
60
40
80
100
Ambient Temperature(
)
30
20
40
50
70
60
2.5
2.0
1.5
1.0
0.5
0.0
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Fig.2 Forward Current vs. Relative Intensity
Typical Electro-Optical Characteristics Curve
2.0
Fig.1 Forward current vs. Forward Voltage
Forward Voltage(V)
1.0
0
1.5
10
20
SGM CHIP
30
3.5
2.5
3.0
4.0
4/6
Page
Relative Intensity
Normalize @20mA
0
10
20
40
30
50
PART NO. LA140B-1/HYSGM-5-PF


Numéro de pièce similaire - LA140B-1-HYSGM-5-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LA140B-1-HY-PF LIGITEK-LA140B-1-HY-PF Datasheet
112Kb / 6P
   LED ARRAY
More results

Description similaire - LA140B-1-HYSGM-5-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com