Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS22907YZTT Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS22907YZTT
Description  ULTRA SMALL, LOW-INPUT VOLTAGE, LOW rON LOAD SWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS22907YZTT Fiches technique(HTML) 1 Page - Texas Instruments

  TPS22907YZTT Datasheet HTML 1Page - Texas Instruments TPS22907YZTT Datasheet HTML 2Page - Texas Instruments TPS22907YZTT Datasheet HTML 3Page - Texas Instruments TPS22907YZTT Datasheet HTML 4Page - Texas Instruments TPS22907YZTT Datasheet HTML 5Page - Texas Instruments TPS22907YZTT Datasheet HTML 6Page - Texas Instruments TPS22907YZTT Datasheet HTML 7Page - Texas Instruments TPS22907YZTT Datasheet HTML 8Page - Texas Instruments TPS22907YZTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Laser Marking View
Bump View
B
2
1
A
B
1
2
A
TPS22907
www.ti.com
SLVSA44 – NOVEMBER 2009
ULTRA SMALL, LOW-INPUT VOLTAGE, LOW rON LOAD SWITCH
Check for Samples: TPS22907
1
FEATURES
APPLICATIONS
Battery Powered Equipment
Low Input Voltage: 1.1 V to 3.6 V
Portable Industrial Equipment
Ultra-Low ON-State Resistance
Portable Medical Equipment
rON = 44 mΩ at VIN = 3.6 V
Portable Media Players
rON = 50 mΩ at VIN = 2.5 V
Point Of Sales Terminal
rON = 58 mΩ at VIN = 1.8 V
GPS Devices
rON = 83 mΩ at VIN = 1.2 V
Digital Cameras
1-A Maximum Continuous Switch Current
Portable Instrumentation
Quiescent Current < 1 µA
Smartphones
Shutdown Current < 1 µA
YZT PACKAGE
Low Control Input Thresholds Enable Use of
Low-Voltage Logic
Controlled Slew Rate to Avoid Inrush Currents
ESD Performance Tested Per JESD 22
3000-V Human-Body Model
(A114-B, Class II)
1000-V Charged-Device Model (C101)
Table 1. TERMINAL ASSIGNMENTS
Ultra Small Four-Terminal Wafer Chip Scale
B
ON
GND
Package (WCSP)
A
VIN
VOUT
0.9 mm × 0.9 mm,
2
1
0.5-mm Pitch, 0.5-mm Height
DESCRIPTION
The TPS22907 is an ultra small, low RON load switch with controlled turn on. The device contains a P-channel
MOSFET that operates over an input voltage range of 1.1 V to 3.6 V. The switch is controlled by an on/off input
(ON), which is capable of interfacing directly with low-voltage control signals.
The TPS22907 is available in a space-saving 4-terminal WCSP with 0.5-mm pitch (YZT). The device is
characterized for operation over the free-air temperature range of –40°C to 85°C.
rON
SLEW RATE
MAXIMUM OUTPUT
DEVICE
ENABLE
(TYP at 1.8 V)
(TYP at 1.8 V)
CURRENT
TPS22907
58 m
36
μs
1000 mA
Active high
ORDERING INFORMATION
TA
PACKAGE(1) (2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 85°C
WCSP – YZT (0.5-mm pitch)
Tape and reel
TPS22907YZTR
_ _ _ 5K_(3)
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(3)
The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following character to
designate the wafer fab/assembly site. Pin 1 identifier indicates solder-bump composition (1 = SnPb, • = Pb-free).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TPS22907YZTT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS22907YZTT TI-TPS22907YZTT Datasheet
1Mb / 14P
[Old version datasheet]   ULTRA SMALL, LOW-INPUT VOLTAGE, LOW rON LOAD SWITCH
More results

Description similaire - TPS22907YZTT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236090D UTC-US2236090D Datasheet
185Kb / 5P
   ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
logo
Global Mixed-mode Techn...
G5178A GMT-G5178A Datasheet
74Kb / 1P
   Ultra Small, Low Input Voltage, Low RON, Load Switch
logo
Texas Instruments
TPS22924C TI-TPS22924C Datasheet
1Mb / 17P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Pericom Semiconductor C...
PI3PD22920 PERICOM-PI3PD22920 Datasheet
6Mb / 12P
   Ultra Small, Low-Input Voltage, Low RON Load Switch
PI3PD22919 PERICOM-PI3PD22919 Datasheet
1Mb / 12P
   Ultra Small, Low-Input Voltage, Low RON Load Switch
logo
Texas Instruments
TPS22903 TI-TPS22903_10 Datasheet
727Kb / 16P
[Old version datasheet]   ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
TPS22903 TI-TPS22903 Datasheet
494Kb / 14P
[Old version datasheet]   ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236060B UTC-US2236060B Datasheet
186Kb / 5P
   ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
US2236108DB UTC-US2236108DB Datasheet
197Kb / 5P
   ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON LOAD SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com