Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC59401RHBT Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TLC59401RHBT
Description  16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TLC59401RHBT Fiches technique(HTML) 4 Page - Texas Instruments

  TLC59401RHBT Datasheet HTML 1Page - Texas Instruments TLC59401RHBT Datasheet HTML 2Page - Texas Instruments TLC59401RHBT Datasheet HTML 3Page - Texas Instruments TLC59401RHBT Datasheet HTML 4Page - Texas Instruments TLC59401RHBT Datasheet HTML 5Page - Texas Instruments TLC59401RHBT Datasheet HTML 6Page - Texas Instruments TLC59401RHBT Datasheet HTML 7Page - Texas Instruments TLC59401RHBT Datasheet HTML 8Page - Texas Instruments TLC59401RHBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
TLC59401
SBVS137 – DECEMBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS
At VCC = 3 V to 5.5 V and TA = –40°C to +85°C, unless otherwise noted.
TLC59401
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = –1 mA, SOUT
VCC – 0.5
V
VOL
Low-level output voltage
IOL = 1 mA, SOUT
0.5
V
VI = VCC or GND; BLANK, TEST, GSCLK, SCLK, SIN, XLAT pin
–1
1
μA
II
Input current
VI = GND; MODE pin
–1
1
μA
VI = VCC; MODE pin
50
μA
No data transfer, all output OFF, VO = 1 V, R(IREF) = 10 kΩ
0.9
6
mA
No data transfer, all output OFF, VO = 1 V, R(IREF) = 1.3 kΩ
5.2
12
mA
ICC
Supply current
Data transfer 30 MHz, all output ON, VO = 1 V, R(IREF) = 1.3 kΩ
16
25
mA
Data transfer 30 MHz, all output ON, VO = 1 V, R(IREF) = 640 Ω
30
60
mA
IO(LC)
Constant output current
All output ON, VO = 1 V, R(IREF) = 640 Ω
54
61
69
mA
Ilkg
Leakage output current
All output OFF, VO = 15 V, R(IREF) = 640 Ω , OUT0 to OUT15
0.1
μA
All output ON, VO = 1 V, R(IREF) = 640 Ω, OUT0 to OUT15,
±1
±4
%
–20°C to +85°C(1)
All output ON, VO = 1 V, R(IREF) = 640 Ω, OUT0 to OUT15
(1)
±1
±8
All output ON, VO = 1 V, R(IREF) = 320 Ω, VCC > 3.6 V, OUT0 to
ΔIO(LC0)
Constant sink current error
OUT15,
±1
±6
%
–20°C to +85°C(1)
All output ON, VO = 1 V, R(IREF) = 320 Ω, VCC > 3.6 V, OUT0 to
±1
±8
OUT15(1)
Device to device, averaged current from OUT0 to OUT15,
ΔIO(LC1)
Constant sink current error
–2, +0.4
±4
%
R(IREF) = 1920 Ω (20 mA)
(2)
Device to device, averaged current from OUT0 to OUT15,
ΔIO(LC2)
Constant sink current error
–2.7, +2
±4
%
R(IREF) = 480 Ω (80 mA)
(2)
All output ON, VO = 1 V, R(IREF) = 640 Ω OUT0 to OUT15,
±1
±4
%/V
VCC = 3 V to 5.5 V
(3)
ΔIO(LC3)
Line regulation
All output ON, VO = 1 V, R(IREF) = 320 Ω OUT0 to OUT15,
±1
±6
%/V
VCC > 3.6 V
(3)
All output ON, VO = 1 V to 3 V, R(IREF) = 640 Ω, OUT0 to OUT15
(4)
±2
±6
%/V
ΔIO(LC4)
Load regulation
All output ON, VO = 1 V to 3 V, R(IREF) = 320 Ω, VCC > 3.6 V, OUT0 to
±2
±8
%/V
OUT15(4)
T(TEF)
Thermal error flag threshold
Junction temperature(5)
+150
+170
°C
LED open detection
V(LED)
0.3
0.4
V
threshold
V(IREF)
Reference voltage output
R(IREF) = 640 Ω
1.20
1.24
1.28
V
(1)
The deviation of each output from the average of OUT0-15 constant current. It is calculated by Equation 1 in Table 1.
(2)
The deviation of average of OUT1-15 constant current from the ideal constant-current value. It is calculated by Equation 2 in Table 1.
The ideal current is calculated by Equation 3 in Table 1.
(3)
The line regulation is calculated by Equation 4 in Table 1.
(4)
The load regulation is calculated by Equation 5 in Table 1.
(5)
Not tested. Specified by design.
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TLC59401


Numéro de pièce similaire - TLC59401RHBT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC5940 TI-TLC5940 Datasheet
1Mb / 29P
[Old version datasheet]   16 CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940-EP TI1-TLC5940-EP Datasheet
1Mb / 33P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940NT TI-TLC5940NT Datasheet
1Mb / 29P
[Old version datasheet]   16 CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940NTG4 TI-TLC5940NTG4 Datasheet
1Mb / 29P
[Old version datasheet]   16 CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940PWP TI-TLC5940PWP Datasheet
1Mb / 29P
[Old version datasheet]   16 CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
More results

Description similaire - TLC59401RHBT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC5941 TI-TLC5941 Datasheet
513Kb / 23P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_16 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5945 TI1-TLC5945_16 Datasheet
1Mb / 30P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_17 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940-EP TI1-TLC5940-EP Datasheet
1Mb / 33P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941-Q1 TI-TLC5941-Q1 Datasheet
827Kb / 27P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940 TI-TLC5940 Datasheet
1Mb / 29P
[Old version datasheet]   16 CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5945 TI-TLC5945 Datasheet
999Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
logo
ams AG
AS1121 AMSCO-AS1121 Datasheet
976Kb / 22P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
AS1112 AMSCO-AS1112 Datasheet
116Kb / 2P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com