Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC59401RHBR Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TLC59401RHBR
Description  16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TLC59401RHBR Fiches technique(HTML) 5 Page - Texas Instruments

  TLC59401RHBR Datasheet HTML 1Page - Texas Instruments TLC59401RHBR Datasheet HTML 2Page - Texas Instruments TLC59401RHBR Datasheet HTML 3Page - Texas Instruments TLC59401RHBR Datasheet HTML 4Page - Texas Instruments TLC59401RHBR Datasheet HTML 5Page - Texas Instruments TLC59401RHBR Datasheet HTML 6Page - Texas Instruments TLC59401RHBR Datasheet HTML 7Page - Texas Instruments TLC59401RHBR Datasheet HTML 8Page - Texas Instruments TLC59401RHBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
100
I
I
I
(%)
15
0
_
OUTavg
15
0
_
OUTavg
OUTn
´
-
=
D
-
-
100
I
I
I
(%)
)
IDEAL
(
OUT
)
IDEAL
(
OUT
OUTavg
´
-
=
D
÷÷
ø
ö
çç
è
æ
´
=
IREF
)
IDEAL
(
OUT
R
V
24
.
1
5
.
31
I
5
.
2
100
)
V
0
.
3
V
at
I
(
)
V
0
.
3
V
at
I
(
)
V
5
.
5
V
at
I
(
)
V
/
(%
CC
OUTn
CC
OUTn
CC
OUTn
´
=
=
-
=
=
D
0
.
2
100
)
V
0
.
1
V
at
I
(
)
V
0
.
1
V
at
I
(
)
V
0
.
3
V
at
I
(
)
V
/
(%
OUTn
OUTn
OUTn
OUTn
OUTn
OUTn
´
=
=
-
=
=
D
TLC59401
www.ti.com
SBVS137 – DECEMBER 2009
Table 1. Test Parameter Equations
(1)
(2)
(3)
(4)
(5)
SWITCHING CHARACTERISTICS
At VCC = 3 V to 5.5 V, CL = 15 pF, and TA = –40°C to 85°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr0
SOUT
16
Rise time
ns
tr1
OUTn, VCC = 5 V, TA = +60°C, DCn = 3Fh
10
30
tf0
SOUT
16
Fall time
ns
tf1
OUTn, VCC = 5 V, TA = +60°C, DCn = 3Fh
10
30
tpd0
SCLK - SOUT (see Figure 12)
30
ns
tpd1
BLANK - OUT0 (see Figure 12)
60
ns
tpd2
Propagation delay time
OUTn - XERR (see Figure 12)
1000
ns
tpd3
GSCLK - OUT0 (see Figure 12)
60
ns
tpd4
XLAT - IOUT (dot correction) (see Figure 12)
60
ns
td
Output delay time
OUTn - OUT(n+1) (see Figure 12)
20
30
ns
touton – Tgsclk (see Figure 12), GSn = 01h,
ton_err
Output on-time error
–90
–50
10
ns
GSCLK = 11 MHz
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TLC59401


Numéro de pièce similaire - TLC59401RHBR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC5940 TI-TLC5940 Datasheet
1Mb / 29P
[Old version datasheet]   16 CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940-EP TI1-TLC5940-EP Datasheet
1Mb / 33P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940NT TI-TLC5940NT Datasheet
1Mb / 29P
[Old version datasheet]   16 CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940NTG4 TI-TLC5940NTG4 Datasheet
1Mb / 29P
[Old version datasheet]   16 CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940PWP TI-TLC5940PWP Datasheet
1Mb / 29P
[Old version datasheet]   16 CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
More results

Description similaire - TLC59401RHBR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC5941 TI-TLC5941 Datasheet
513Kb / 23P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_16 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5945 TI1-TLC5945_16 Datasheet
1Mb / 30P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_17 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940-EP TI1-TLC5940-EP Datasheet
1Mb / 33P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941-Q1 TI-TLC5941-Q1 Datasheet
827Kb / 27P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940 TI-TLC5940 Datasheet
1Mb / 29P
[Old version datasheet]   16 CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5945 TI-TLC5945 Datasheet
999Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
logo
ams AG
AS1121 AMSCO-AS1121 Datasheet
976Kb / 22P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
AS1112 AMSCO-AS1112 Datasheet
116Kb / 2P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com