Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AUP2G241 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AUP2G241
Description  LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP2G241 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button SN74AUP2G241 Datasheet HTML 4Page - Texas Instruments SN74AUP2G241 Datasheet HTML 5Page - Texas Instruments SN74AUP2G241 Datasheet HTML 6Page - Texas Instruments SN74AUP2G241 Datasheet HTML 7Page - Texas Instruments SN74AUP2G241 Datasheet HTML 8Page - Texas Instruments SN74AUP2G241 Datasheet HTML 9Page - Texas Instruments SN74AUP2G241 Datasheet HTML 10Page - Texas Instruments SN74AUP2G241 Datasheet HTML 11Page - Texas Instruments SN74AUP2G241 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
SN74AUP2G241
SCES761A – DECEMBER 2009 – REVISED DECEMBER 2009
www.ti.com
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 15 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = 25°C
TA = –40°C to 85°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
26.2
1.2 V ± 0.1 V
0.5
9.7
22.7
0.5
23.4
1.5 V ± 0.1 V
1.7
4.6
13.6
0.5
15
tpd
A
Y
ns
1.8 V ± 0.15 V
1.7
5.4
10.2
0.5
11.7
2.5 V ± 0.2 V
1.7
3.9
6.5
0.5
7.9
3.3 V ± 0.3 V
0.5
3.7
8.4
0.5
8.9
0.8 V
38.9
1.2 V ± 0.1 V
0.5
10.7
24.7
0.5
26.0
1.5 V ± 0.1 V
1.7
7.2
14.1
0.5
16.5
ten
OE
Y
ns
1.8 V ± 0.15 V
2.0
5.6
10.3
0.5
12.7
2.5 V ± 0.2 V
2.0
4.0
6.8
0.5
8.9
3.3 V ± 0.3 V
1.9
3.3
5.2
0.5
6.8
0.8 V
14.8
1.2 V ± 0.1 V
0.5
6.3
13.7
0.5
14.0
1.5 V ± 0.1 V
0.5
4.6
8.8
0.5
9.1
tdis
OE
Y
ns
1.8 V ± 0.15 V
0.7
4.9
8.1
0.6
8.4
2.5 V ± 0.2 V
1.1
3.7
6.5
1.0
6.7
3.3 V ± 0.3 V
1.3
4.8
7.6
1.2
7.7
0.8 V
23
1.2 V ± 0.1 V
0.5
10.5
24.8
0.5
25.6
1.5 V ± 0.1 V
1.5
7.1
14.3
0.5
16
ten
OE
Y
ns
1.8 V ± 0.15 V
1.4
5.6
10.8
0.5
12.4
2.5 V ± 0.2 V
1.6
3.9
6.8
0.5
8.3
3.3 V ± 0.3 V
0.5
3.6
7.6
0.5
8.3
0.8 V
13.6
1.2 V ± 0.1 V
1.1
6.5
12.7
1
12.8
1.5 V ± 0.1 V
0.5
4.8
9.1
0.5
9.2
tdis
OE
Y
ns
1.8 V ± 0.15 V
1.8
5.4
9.2
1.7
9.3
2.5 V ± 0.2 V
1.6
3.7
5.5
1.5
5.7
3.3 V ± 0.3 V
2.8
5.3
7.9
2.7
7.9
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): SN74AUP2G241


Numéro de pièce similaire - SN74AUP2G241

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP2G240 TI-SN74AUP2G240 Datasheet
284Kb / 12P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUP2G240 TI-SN74AUP2G240 Datasheet
645Kb / 16P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUP2G240DCUR TI-SN74AUP2G240DCUR Datasheet
284Kb / 12P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUP2G240DCUR TI-SN74AUP2G240DCUR Datasheet
645Kb / 16P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUP2G240DQER TI-SN74AUP2G240DQER Datasheet
284Kb / 12P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Description similaire - SN74AUP2G241

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP2G240 TI-SN74AUP2G240_10 Datasheet
645Kb / 16P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUP2G240 TI-SN74AUP2G240 Datasheet
284Kb / 12P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G241 TI-SN74AUC2G241_09 Datasheet
526Kb / 15P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G240 TI-SN74AUC2G240_1 Datasheet
538Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC2G240 UTC-U74LVC2G240 Datasheet
214Kb / 6P
   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN64BCT306 TI-SN64BCT306 Datasheet
90Kb / 6P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G240 TI-SN74AUC2G240 Datasheet
432Kb / 12P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC2G241 TI-SN74LVC2G241 Datasheet
380Kb / 14P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G241 TI-SN74AUC2G241_08 Datasheet
427Kb / 14P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC2G240 TI1-SN74LVC2G240_16 Datasheet
850Kb / 17P
[Old version datasheet]   Dual Buffer Driver With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com