Moteur de recherche de fiches techniques de composants électroniques |
|
LA112B-2DGM-PF Fiches technique(PDF) 3 Page - LIGITEK electronics co., ltd. |
|
LA112B-2DGM-PF Fiches technique(HTML) 3 Page - LIGITEK electronics co., ltd. |
3 / 6 page 518 Peak wave length λDnm Note : 1.The forward voltage data did not including ±0.1V testing tolerance. 2. The luminous intensity data did not including ±15% testing tolerance. Typical Electrical & Optical Characteristics (Ta=25 ℃) Absolute Maximum Ratings at Ta=25 ℃ MATERIAL PART NO InGaN/GaN LA112B/2DGM-PF Green Diffused Green Emitted Lens COLOR Storage Temperature Operating Temperature Tstg Topr PD Power Dissipation Reverse Current @5V Electrostatic Discharge( * ) ESD Ir Peak Forward Current Duty 1/10@10KHz Forward Current IFP IF Parameter Symbol Spectral halfwidth △λnm Forward voltage @20mA(V) Viewing angle 2 θ 1/2 (deg) Luminous intensity @20mA(mcd) Dominant wave length λDnm 525 3.5 36 Typ. 700 350 4.0 38 Typ. Max. Min. -30 ~ +100 -20~ +80 ℃ ℃ Page 2/5 mW 120 150 50 V μA 100 30 mA mA DGM Ratings UNIT LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic glove is recommended when handing these LED. All devices, equipment and machinery must be properly grounded. * PART NO. LA112B/2DGM-PF |
Numéro de pièce similaire - LA112B-2DGM-PF |
|
Description similaire - LA112B-2DGM-PF |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |