Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA93B-4-Y-S2-PF Fiches technique(PDF) 3 Page - LIGITEK electronics co., ltd.

No de pièce LA93B-4-Y-S2-PF
Description  LED ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA93B-4-Y-S2-PF Fiches technique(HTML) 3 Page - LIGITEK electronics co., ltd.

  LA93B-4-Y-S2-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA93B-4-Y-S2-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA93B-4-Y-S2-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA93B-4-Y-S2-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA93B-4-Y-S2-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA93B-4-Y-S2-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Symbol
IF
IFP
PD
Absolute Maximum Ratings at Ta=25
Topr
Tstg
COLOR
Typical Electrical & Optical Characteristics (Ta=25
)
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Operating Temperature
PART NO
MATERIAL
Emitted
Storage Temperature
Forward Current
Reverse Current @5V
Peak Forward Current
Duty 1/10@10KHz
Power Dissipation
Parameter
-40 ~ +85
Viewing
angle
2
θ 1/2
(deg)
Luminous
intensity
@10mA(mcd)
Peak
wave
length
λPnm
Spectral
halfwidth
△λnm
Forward
voltage
@
mA(V)
Typ.
30
35
585
Lens
20
Max.
Min.
Min.
46
-40 ~ +100
Page
mA
20
Ir
10
60
80
μA
mA
mW
Ratings
Y
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
LA93B-4/Y-S2-PF
Yellow
GaAsP/GaP
Yellow Diffused
1.7
2.6
20
2/5
PART NO.LA93B-4/Y-S2-PF


Numéro de pièce similaire - LA93B-4-Y-S2-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LA93B-4-E-S2-PF LIGITEK-LA93B-4-E-S2-PF Datasheet
107Kb / 6P
   LED ARRAY
LA93B-4-G-S2-PF LIGITEK-LA93B-4-G-S2-PF Datasheet
108Kb / 6P
   LED ARRAY
LA93B-4-H-S2-PF LIGITEK-LA93B-4-H-S2-PF Datasheet
108Kb / 6P
   LED ARRAY
LA93B-4-H-S3-PF LIGITEK-LA93B-4-H-S3-PF Datasheet
107Kb / 6P
   LED ARRAY
LA93B-4-I-S2-PF LIGITEK-LA93B-4-I-S2-PF Datasheet
107Kb / 6P
   LED ARRAY
More results

Description similaire - LA93B-4-Y-S2-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com