Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD412 Fiches technique(PDF) 4 Page - RFHIC

No de pièce AD412
Description  E-pHEMT MMIC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RFHIC [RFHIC]
Site Internet  http://www.rfhic.com
Logo RFHIC - RFHIC

AD412 Fiches technique(HTML) 4 Page - RFHIC

  AD412 Datasheet HTML 1Page - RFHIC AD412 Datasheet HTML 2Page - RFHIC AD412 Datasheet HTML 3Page - RFHIC AD412 Datasheet HTML 4Page - RFHIC AD412 Datasheet HTML 5Page - RFHIC AD412 Datasheet HTML 6Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
E
E--p
pH
HE
EM
MT
T M
MM
MIIC
C
A
AD
D4
41
12
2
(Preliminary)
Application Circuit: 50~ 1000MHz, 5v, 75ohm System (Insert Pad)
S-Parameter
Isolation
-30
-25
-20
-15
-10
-5
0
5
-35
10
S11
S21
S22
0.2
0.4
0.6
0.8
0.0
1.0
Frequency(GHz)
IN&OUT Port Isolation
OUT&OUT Port Isolation
-50
-40
-30
-20
-10
-60
0
IN&OUT Port Isolation
OUT&OUT Port Isolation
0.2
0.4
0.6
0.8
0.0
1.0
Frequency(GHz)
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 0.5


Numéro de pièce similaire - AD412

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD4129-8 AD-AD4129-8 Datasheet
3Mb / 105P
   32 μA, Ultra Low Power, 16-Bit Sigma-Delta ADC with Integrated PGA and FIFO
Rev. 0
AD4129-8BCBZ-RL7 AD-AD4129-8BCBZ-RL7 Datasheet
3Mb / 105P
   32 μA, Ultra Low Power, 16-Bit Sigma-Delta ADC with Integrated PGA and FIFO
Rev. 0
More results

Description similaire - AD412

FabricantNo de pièceFiches techniqueDescription
logo
RFHIC
AE312 RFHIC-AE312 Datasheet
232Kb / 3P
   E-pHEMT MMIC
AE384 RFHIC-AE384 Datasheet
230Kb / 4P
   E-pHEMT MMIC
AE362 RFHIC-AE362 Datasheet
260Kb / 5P
   E-pHEMT MMIC
AE365 RFHIC-AE365 Datasheet
206Kb / 3P
   E-pHEMT MMIC
AE618 RFHIC-AE618 Datasheet
202Kb / 3P
   E-pHEMT MMIC
AE514 RFHIC-AE514 Datasheet
276Kb / 5P
   E-pHEMT MMIC
AE314 RFHIC-AE314 Datasheet
264Kb / 7P
   E-pHEMT MMIC
AE427 RFHIC-AE427 Datasheet
222Kb / 3P
   E-pHEMT MMIC
AE617 RFHIC-AE617 Datasheet
209Kb / 3P
   E-pHEMT MMIC
AE414 RFHIC-AE414 Datasheet
300Kb / 5P
   E-pHEMT MMIC
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com