Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC5565APL-10 Fiches technique(PDF) 9 Page - Toshiba Semiconductor

No de pièce TC5565APL-10
Description  65,536 bit static random access memory organized as 8,192 words by 8 bits using CMOS technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC5565APL-10 Fiches technique(HTML) 9 Page - Toshiba Semiconductor

  TC5565APL-10 Datasheet HTML 1Page - Toshiba Semiconductor TC5565APL-10 Datasheet HTML 2Page - Toshiba Semiconductor TC5565APL-10 Datasheet HTML 3Page - Toshiba Semiconductor TC5565APL-10 Datasheet HTML 4Page - Toshiba Semiconductor TC5565APL-10 Datasheet HTML 5Page - Toshiba Semiconductor TC5565APL-10 Datasheet HTML 6Page - Toshiba Semiconductor TC5565APL-10 Datasheet HTML 7Page - Toshiba Semiconductor TC5565APL-10 Datasheet HTML 8Page - Toshiba Semiconductor TC5565APL-10 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
TC5565APL-10, TC5565APL-12, TC5565APL-15
TC5565AFL-10, TC5565AFL-12, TC5565AFL-15
DIP 28 PIN OUTLINE DRAWING (6D28A-P)
Unit in mm
Note)
Lead pitch is 2.54 and tolerance is +\-0.25 against theoretical center of each
lead that is obtained on the basis of No.1 and No.28 leads.
MFP 28 PIN OUTLINE DRAWING (F28GC-P)
Unit in mm
Note)
Lead pitch is 1.27 and tolerance is +\-0.12 against theoretical center of each
lead that
is obtained on the basis of No.1 and N0.28 leads


Numéro de pièce similaire - TC5565APL-10

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC5561J TOSHIBA-TC5561J Datasheet
616Kb / 6P
   65,536 WORD X 1 BIT CMOS STATIC RAM
TC5561J-45 TOSHIBA-TC5561J-45 Datasheet
616Kb / 6P
   65,536 WORD X 1 BIT CMOS STATIC RAM
TC5561J-55 TOSHIBA-TC5561J-55 Datasheet
616Kb / 6P
   65,536 WORD X 1 BIT CMOS STATIC RAM
TC5561J-70 TOSHIBA-TC5561J-70 Datasheet
616Kb / 6P
   65,536 WORD X 1 BIT CMOS STATIC RAM
TC5561P TOSHIBA-TC5561P Datasheet
616Kb / 6P
   65,536 WORD X 1 BIT CMOS STATIC RAM
More results

Description similaire - TC5565APL-10

FabricantNo de pièceFiches techniqueDescription
logo
LG Semicon Co.,Ltd.
GM76C88AL LG-GM76C88AL Datasheet
560Kb / 11P
   65,536 Bit static random access memory organized as 8,192 words by 8 bits using CMOS
logo
ACCUTEK MICROCIRCUIT CO...
AK63264AW ACCUTEK-AK63264AW Datasheet
86Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK62464Z ACCUTEK-AK62464Z Datasheet
177Kb / 2P
   65,536 x 24 Bit CMOS/BiCMOS Static Random Access Memory
AK63264W ACCUTEK-AK63264W Datasheet
243Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK63264BZ ACCUTEK-AK63264BZ Datasheet
91Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
logo
Toshiba Semiconductor
TMM2018AP TOSHIBA-TMM2018AP Datasheet
338Kb / 6P
   16,384 bits high speed and low power static random access memory organized as 2,048 words by 8 bits and operates from a single 5V supply
logo
Fujitsu Component Limit...
MB8464A FUJITSU-MB8464A Datasheet
263Kb / 11P
   CMOS 65,536 Static Random Access Memory with Data Retention Mode
logo
List of Unclassifed Man...
HM6708SH ETC1-HM6708SH Datasheet
453Kb / 11P
   65536-WORDS X 4 BITS HIGH SPEED STATIC RANDOM ACCESS MEMORY
logo
ACCUTEK MICROCIRCUIT CO...
AK68512D1C ACCUTEK-AK68512D1C Datasheet
128Kb / 2P
   524,288 x 8 Bit CMOS Static Random Access Memory
logo
Motorola, Inc
MCM60L256A-C MOTOROLA-MCM60L256A-C Datasheet
348Kb / 8P
   32K x 8 Bit CMOS Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com