Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC551001BPL-85L Fiches technique(PDF) 2 Page - Toshiba Semiconductor

No de pièce TC551001BPL-85L
Description  SILICON GATE CMOS 131,072 WORD x 8 BIT STATIC RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC551001BPL-85L Fiches technique(HTML) 2 Page - Toshiba Semiconductor

  TC551001BPL-85L Datasheet HTML 1Page - Toshiba Semiconductor TC551001BPL-85L Datasheet HTML 2Page - Toshiba Semiconductor TC551001BPL-85L Datasheet HTML 3Page - Toshiba Semiconductor TC551001BPL-85L Datasheet HTML 4Page - Toshiba Semiconductor TC551001BPL-85L Datasheet HTML 5Page - Toshiba Semiconductor TC551001BPL-85L Datasheet HTML 6Page - Toshiba Semiconductor TC551001BPL-85L Datasheet HTML 7Page - Toshiba Semiconductor TC551001BPL-85L Datasheet HTML 8Page - Toshiba Semiconductor TC551001BPL-85L Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TC551001BPL/BFL/BFTL/BTRL-70L/85L
Static RAM
SR01020795
2
TOSHIBA AMERICA ELECTRONIC COMPONENTS, INC
.
Block Diagram
* H or L
Maximum Ratings
* -3.0V at pulse width of 50ns Max
** SOP
Operating Mode
OPERATION MODE
CE1
CE2
OE
R/W
I/O1 ~ I/O8
POWER
Read
L
H
L
H
DOUT
IDDO
Write
L
H
*
L
DIN
IDDO
Output Deselect
L
H
H
H
High-Z
IDDO
Standby
H
*
*
*
High-Z
IDDS
*
L
*
*
High-Z
IDDS
SYMBOL
ITEM
RATING
UNIT
VDD
Power Supply Voltage
-0.3 ~ 7.0
V
VIN
Input Voltage
-0.3* ~ 7.0
V
VI/O
Input and Output Voltage
-0.5 ~ VDD + 0.5
V
PD
Power Dissipation
1.0/0.6**
W
TSOLDER Soldering Temperature (10s)
260
°C
TSTRG
Storage Temperature
-55 ~ 150
°C
TOPR
Operating Temperature
0 ~ 70
°C


Numéro de pièce similaire - TC551001BPL-85L

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC551001BPL-85L TOSHIBA-TC551001BPL-85L Datasheet
355Kb / 12P
   131,072-WORD BY 8-BIT STATIC RAM
1996-09-02
More results

Description similaire - TC551001BPL-85L

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC518128AP TOSHIBA-TC518128AP Datasheet
574Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129BFL TOSHIBA-TC518129BFL Datasheet
477Kb / 14P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC551001AFI TOSHIBA-TC551001AFI Datasheet
453Kb / 8P
   131,072 WORD x 8 BIT STATIC RAM
TC551001AFL TOSHIBA-TC551001AFL Datasheet
297Kb / 10P
   131,072 WORD x 8 BIT STATIC RAM
TC518129AP TOSHIBA-TC518129AP Datasheet
301Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128BPL TOSHIBA-TC518128BPL Datasheet
561Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129APL TOSHIBA-TC518129APL Datasheet
376Kb / 14P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129BPL TOSHIBA-TC518129BPL Datasheet
548Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128BFL TOSHIBA-TC518128BFL Datasheet
752Kb / 14P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC551001CP TOSHIBA-TC551001CP Datasheet
547Kb / 14P
   131,072 WORD x 8 BIT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com