Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA44B-DBK.SEG-S2-PF Fiches technique(PDF) 3 Page - LIGITEK electronics co., ltd.

No de pièce LA44B-DBK.SEG-S2-PF
Description  LED ARRAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA44B-DBK.SEG-S2-PF Fiches technique(HTML) 3 Page - LIGITEK electronics co., ltd.

  LA44B-DBK.SEG-S2-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA44B-DBK.SEG-S2-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA44B-DBK.SEG-S2-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA44B-DBK.SEG-S2-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA44B-DBK.SEG-S2-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA44B-DBK.SEG-S2-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LA44B-DBK.SEG-S2-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LA44B-DBK.SEG-S2-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Typical Electrical & Optical Characteristics (Ta=25
)
Absolute Maximum Ratings at Ta=25
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
COLOR
Lens
MATERIAL
LA44B/DBK.SEG-S2-PF
PART NO
Emitted
Luminous
intensity
@10mA(mcd)
Typ.
Forward
voltage
@20mA(V)
Peak
wave
length
λPnm
Spectral
halfwidth
△λnm
Max.
Min.
Min.
Viewing
angle
2
θ 1/2
(deg)
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 2/7
8.0
4.5
100
610
45
4.5
12
100
30
565
GaAsP/GaP Orange
1.7
2.6
GaP
Green
1.7
2.6
White Diffused
---
500
50
10
*
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
-30 ~ +100
Tstg
Storage Temperature
DBK
UNIT
30
mA
SE
G
Symbol
20
30
IF
Ratings
Parameter
Forward Current
100
mA
mW
120
80
120
IFP
PD
80
100
Topr
-20 ~ +80
μA
Ir
10
Power Dissipation
Operating Temperature
Reverse Current @5V
Peak Forward Current
Duty 1/10@10KHz
ESD
---
V
Electrostatic Discharge( * )
36
Viewing
angle
2
θ 1/2
(deg)
Min.
350
20
Typ.
3.5
Forward
voltage
@
mA(V)
Max.
4.0
Dominant
wave
length
λDnm
470
Spectral
halfwidth
△λnm
30
Typ.
Luminous
intensity
@20mA(mcd)
700
Emitted
Blue
PART NO
MATERIAL
InGaN/GaN
Lens
COLOR
Blue Diffused
LA44B/DBK.SEG-S2-PF
PART NO. LA44B/DBK.SEG-S2-PF


Numéro de pièce similaire - LA44B-DBK.SEG-S2-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LA44B-DBK.G-S12-PF LIGITEK-LA44B-DBK.G-S12-PF Datasheet
121Kb / 7P
   LED ARRAY
LA44B-DBK.X-R1-PF LIGITEK-LA44B-DBK.X-R1-PF Datasheet
108Kb / 6P
   LED ARRAY
More results

Description similaire - LA44B-DBK.SEG-S2-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com