Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA38B-90-DBKZ-PF Fiches technique(PDF) 4 Page - LIGITEK electronics co., ltd.

No de pièce LA38B-90-DBKZ-PF
Description  LED ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA38B-90-DBKZ-PF Fiches technique(HTML) 4 Page - LIGITEK electronics co., ltd.

  LA38B-90-DBKZ-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA38B-90-DBKZ-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA38B-90-DBKZ-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA38B-90-DBKZ-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA38B-90-DBKZ-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA38B-90-DBKZ-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3/5
Page
DBK CHIP
1000
100
10
1
3.0
2.5
Fig.1 Forward current vs. Forward Voltage
Fig.2 Relative Intensity vs. Forward Current
1000
100
2.0
1.5
1.0
0.5
0.0
10
1
5.0
2.0
Forward Voltage(V)
Forward Current(mA)
3.0
1.2
Fig.3 Forward Voltage vs. Temperature
2.0
1.0
1.5
1.1
0.9
1.0
2.5
Fig.4 Relative Intensity vs. Temperature
40
80
100
60
0.0
20
40
60
80
100
-20
-400
0.8
-40
-200
Ambient Temperature(
)
Ambient Temperature(
)
20
0.5
0.5
550
500
400
0.0
450
Wavelength (nm)
1.0
0 1
4.0
3.0
1.0
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Typical Electro-Optical Characteristics Curve
Fig.5 Relative Intensity vs. Wavelength
PART NO. LA38B-90/DBKZ-PF


Numéro de pièce similaire - LA38B-90-DBKZ-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LA38B-91-HY-PF LIGITEK-LA38B-91-HY-PF Datasheet
199Kb / 7P
   LED ARRAY
LA38B-93-EG-PF LIGITEK-LA38B-93-EG-PF Datasheet
122Kb / 7P
   LED ARRAY
LA38B-94-YG-PF LIGITEK-LA38B-94-YG-PF Datasheet
149Kb / 7P
   LED ARRAY
LA38B-97-G-PF LIGITEK-LA38B-97-G-PF Datasheet
104Kb / 6P
   LED ARRAY
LA38B-97-H-PF LIGITEK-LA38B-97-H-PF Datasheet
99Kb / 6P
   LED ARRAY
More results

Description similaire - LA38B-90-DBKZ-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com