Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC1602E Fiches technique(PDF) 1 Page - Bolymin, Inc

No de pièce BC1602E
Description  COB with metal frame 5x7 dots with cursor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOLYMIN [Bolymin, Inc]
Site Internet  http://www.bolymin.com.tw
Logo BOLYMIN - Bolymin, Inc

BC1602E Fiches technique(HTML) 1 Page - Bolymin, Inc

  BC1602E Datasheet HTML 1Page - Bolymin, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BC1602E
Feature
Mechanical Data
Item
Module Dimension
Viewing Area
Dot Size
Character Size
Standard Value Unit
Input Voltage
Supply Current
LCD Driving
Voltage
LED Forward
Voltage
LED Forward
Current
EL Power
Current
Vdd
Idd
Vdd-Vo
Vf
If
Vel
Vdd = +5V
Vdd = +5V
25 C
Vel=110Vac/400Hz
5.0
1.2
4.2
4.2
280
V
mA
V
V
mA
V
Typical
Value
Electronic Characteristics
mm
mm
mm
mm
122.0 x 44.0
99.0 x 24.0
0.92 x 1.10
4.84 x 9.66
Dimension
BO LYM IN
1. COB with metal frame
2. 5x7 dots with cursor
2. Built-in controller KS0066 or equivalent
4. + 5V single power supply
5. 1/16 duty cycle
6. LED B/L pins:15/16, or A/K, or 1/2
7. Option: LED array / EL B/L
8. Option: +3V single power supply
9. Option: negative voltage (built-in, external)
o
25 C
o
25 C
o
Item
Symbol Condition
Unit
Pin Assignment
Pin
Symbol
Function
1
2
3
4
5
6
7~14
15
16
GND
+5V(+3V option)
Contrast adjustment
H/L register select signal
H/L read/write signal
H --> L enable signal
H/L data bus line
Power supply for B/L (+)/
Power supply for B/L (GND)
Vss
Vdd
Vo
RS
R/W
E
DB0~7
A
K
1
14
16 15
8.1
105.8
13.58
94.84(AA)
11.5
99.0(VA)
P2.54*15=38.1
10.98
3.5
3.5
4-Ø3.5 PTH
2.0
122.0±0.5
0.92
0.98
4.84
6.0
4-Ø6.5 PAD
16-Ø1.0 PTH
9.0[LED B/L]
4.7[EL or No B/L]
13.6[LED B/L]
9.3[EL or No B/L]
1.6
A
K
2.5
K
A
DOT SIZE
SCALE 5/1


Numéro de pièce similaire - BC1602E

FabricantNo de pièceFiches techniqueDescription
logo
Bolymin, Inc
BC1602E3 BOLYMIN-BC1602E3 Datasheet
536Kb / 1P
   COB with metal frame
BC1602E3 BOLYMIN-BC1602E3_17 Datasheet
536Kb / 1P
   COB with metal Frame
BC1602EI BOLYMIN-BC1602EI_17 Datasheet
157Kb / 1P
   COB with metal frame
BC1602E BOLYMIN-BC1602E_17 Datasheet
515Kb / 1P
   COB with metal Frame
More results

Description similaire - BC1602E

FabricantNo de pièceFiches techniqueDescription
logo
Bolymin, Inc
BC1602B3 BOLYMIN-BC1602B3 Datasheet
141Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC1602G BOLYMIN-BC1602G Datasheet
82Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC2004A20 BOLYMIN-BC2004A20 Datasheet
115Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC1601B BOLYMIN-BC1601B Datasheet
94Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC1602A20C BOLYMIN-BC1602A20C Datasheet
128Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC1602B2 BOLYMIN-BC1602B2 Datasheet
1Mb / 1P
   COB with metal frame 5x7 dots with cursor
BC2002A20C BOLYMIN-BC2002A20C Datasheet
112Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC2002A20 BOLYMIN-BC2002A20 Datasheet
83Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC2004A BOLYMIN-BC2004A Datasheet
344Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC0802B BOLYMIN-BC0802B Datasheet
227Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC1004A BOLYMIN-BC1004A Datasheet
144Kb / 1P
   COB with metal frame 5x7 dots with cursor
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com