Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA18B-G-PF Fiches technique(PDF) 2 Page - LIGITEK electronics co., ltd.

No de pièce LA18B-G-PF
Description  LED ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA18B-G-PF Fiches technique(HTML) 2 Page - LIGITEK electronics co., ltd.

  LA18B-G-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA18B-G-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA18B-G-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA18B-G-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA18B-G-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA18B-G-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LA18B-G-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
+
-
Package Dimensions
PART NO. LA18B/G-PF
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 1/5
LG5520-PF
7.0X4=28
35.5
6.1
1.8
4.7
5.3
8.4
3.8
4.5
12.5MIN
1.0MIN
2.3TYP
0.5
TYP
3.5
+
-
1.5MAX
6.0
2.0
1.8
8.0
5.3
1.0MIN
2.3TYP
0.5
TYP
12.5MIN
3.8


Numéro de pièce similaire - LA18B-G-PF

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA1800 SANYO-LA1800 Datasheet
577Kb / 8P
   FM/AM Single-Chip Radio
logo
Tiger Electronic Co.,Lt...
LA1800 TGS-LA1800 Datasheet
1Mb / 9P
   FM/AM SINGLE CHIP RADIO
logo
Sanyo Semicon Device
LA1805 SANYO-LA1805 Datasheet
1,006Kb / 13P
   AM/FM-IF/MPX Tuner System for Radio-Casette Recorders, Music Centers
LA1806 SANYO-LA1806 Datasheet
61Kb / 4P
   AM/FM-IF/MPX Tuner System for Radio-Cassette Recorders, Music Centers
LA1810 SANYO-LA1810 Datasheet
590Kb / 13P
   AM/FM/MPX Tuner System for Radio-Cassette Recorders, Music Centers
More results

Description similaire - LA18B-G-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com