Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDEIR6D31F Fiches technique(PDF) 2 Page - Sumida Corporation

No de pièce CDEIR6D31F
Description  SMD Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUMIDA [Sumida Corporation]
Site Internet  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEIR6D31F Fiches technique(HTML) 2 Page - Sumida Corporation

  CDEIR6D31F Datasheet HTML 1Page - Sumida Corporation CDEIR6D31F Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Electrical Characteristics Specification.
※ 1.Saturation Current: The DC current at which the inductance decreases to 70% of its nominal value.
※ 2.Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
SMD Power Inductor
SMD Power Inductor
SMD Power Inductor
SMD Power Inductor
CDEIR6D31F
CDEIR6D31F
CDEIR6D31F
CDEIR6D31F
CDEIR6D31FNP-1R0NC
1R0
1.0 ± 30%
8.8(7.3)
7.7(9.7)
7.4(8.5)
CDEIR6D31FNP-1R5NC
1R5
1.5 ± 30%
9.6 (8.0)
6.8(8.5)
6.8(7.9)
CDEIR6D31FNP-2R2MC
2R2
2.2 ± 20%
12(10)
6.0(7.5)
6.5(7.4)
CDEIR6D31FNP-3R3MC
3R3
3.3 ± 20%
19(15)
4.8(6.0)
5.5(6.3)
CDEIR6D31FNP-4R7MC
4R7
4.7 ± 20%
26(21)
4.0(5.0)
4.7(5.4)
CDEIR6D31FNP-5R6MC
5R6
5.6 ± 20%
29(23)
3.5(4.4)
4.4(5.0)
CDEIR6D31FNP-6R8MC
6R8
6.8 ± 20%
40(32)
3.0(3.8)
3.5(4.0)
CDEIR6D31FNP-8R2MC
8R2
8.2 ± 20%
43(34)
2.8(3.5)
3.6(4.1)
CDEIR6D31FNP-100MC
100
10.0 ± 20%
66(53)
2.6(3.2)
2.6(2.9)
CDEIR6D31FNP-120MC
120
12.0 ± 20%
76(61)
2.4(3.0)
2.2(2.5)
Temperature
Rise Current
(A)
※2
Part No.
Stamp
Saturation Current
(A)
※1
Inductance
100kHz
(µH)
D.C.R.
Max.(typ.)
(m )
California
Chicago
Tel.+1-408-321-9660
FAX. +1-408-321-9308
Tel.+1-847-545-6700
FAX. +1-847-545-6720
Taipei
Shenzhen
Shanghai
Hong Kong
Tel.+60-3-8733-0900
FAX.+60-3-8737-7384
Tel.+65-6296-3388
FAX.+65-6296-3390
Tel.+82-2-6237-0777
FAX.+82-2-6237-0778
Tel.+81-3-5202-7112
FAX.+81-3-5202-7105
Malaysia
Singapore
Seoul
Tokyo
For More Information
Tel.+886-2-27065228
FAX.+886-2-27065229
Tel.+86-755-82910228
FAX.+86-755-82910338
Tel.+86-021-58363299
FAX.+86-021-58363266
Tel.+852-2880-6688
FAX.+852-2565-9600


Numéro de pièce similaire - CDEIR6D31F

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
CDEIR6D31FNP-100MC SUMIDA-CDEIR6D31FNP-100MC Datasheet
134Kb / 3P
   SMD Power Inductor
CDEIR6D31FNP-120MC SUMIDA-CDEIR6D31FNP-120MC Datasheet
134Kb / 3P
   SMD Power Inductor
CDEIR6D31FNP-12MC SUMIDA-CDEIR6D31FNP-12MC Datasheet
134Kb / 4P
   Ferrite core construction.
CDEIR6D31FNP-1MC SUMIDA-CDEIR6D31FNP-1MC Datasheet
134Kb / 4P
   Ferrite core construction.
CDEIR6D31FNP-1R0NC SUMIDA-CDEIR6D31FNP-1R0NC Datasheet
134Kb / 3P
   SMD Power Inductor
More results

Description similaire - CDEIR6D31F

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com