Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL54409IRUZ-T Fiches technique(PDF) 3 Page - Intersil Corporation

No de pièce ISL54409IRUZ-T
Description  Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54409IRUZ-T Fiches technique(HTML) 3 Page - Intersil Corporation

  ISL54409IRUZ-T Datasheet HTML 1Page - Intersil Corporation ISL54409IRUZ-T Datasheet HTML 2Page - Intersil Corporation ISL54409IRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL54409IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54409IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54409IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54409IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54409IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54409IRUZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
FN6983.0
September 25, 2009
Pin Configurations (Note 1)
ISL54409, ISL54410
(
10 Ld 1.8x1.4 µTQFN)
TOP VIEW
ISL54409, ISL54410
(
8 Ld 2x2 TDFN)
TOP VIEW
NOTE:
1. Switches shown with IN = 0 and CTRL = 1.
9
10
6
7
8
4
3
5
2
1
VDD
IN
COM-
COM+
NC
LIN
NC
RIN
GND
CTRL
LOGIC
CONTROL
4MΩ
4MΩ
1
3
4
GND
COM-
LIN
IN
CTRL
2
8
COM+
VDD
7
5
6
LOGIC
CONTROL
RIN
4MΩ
4MΩ
Pin Descriptions
ISL54409 and ISL54410
TDFN
µTQFN
NAME
FUNCTION
110
VDD
Power Supply
2
1
IN
Logic Control;
Internal 4M
Ω pull down
3
2
COM-
Audio Left Output
4
3
COM+
Audio Right Output
5
4
GND
IC Ground Connection
6
5
RIN
Audio Right Input
7
6
LIN
Audio Left Input
-
7
NC
Not Connected
-
8
NC
Not Connected
8
9
CTRL
Logic Control;
Internal 4M
Ω pull-down
PD
-
Pad
Thermal Pad;
Connect to GND Plane
Truth Tables
ISL54409
IN
CTRL
COM-/
COM+
MODE
0
0
OFF
Low Power
01
ON
Audio
1X
OFF
Mute
CTRL and IN: Logic “0” when ≤ 0.5V, Logic “1” when ≥ 1.4V
ISL54410
IN
CTRL
COM-/
COM+
MODE
00
OFF
Click and Pop
01
ON
Audio
1X
OFF
Mute
CTRL and IN: Logic “0” when ≤ 0.5V, Logic “1” when ≥ 1.4V
ISL54409, ISL54410


Numéro de pièce similaire - ISL54409IRUZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL54409IRUZ-T INTERSIL-ISL54409IRUZ-T Datasheet
378Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
ISL54409IRUZ-T INTERSIL-ISL54409IRUZ-T Datasheet
376Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
January 14, 2010
ISL54409IRUZ-T INTERSIL-ISL54409IRUZ-T Datasheet
376Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
January 14, 2010
logo
Renesas Technology Corp
ISL54409IRUZ-T RENESAS-ISL54409IRUZ-T Datasheet
680Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
More results

Description similaire - ISL54409IRUZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL54409 INTERSIL-ISL54409_10 Datasheet
378Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
logo
Renesas Technology Corp
ISL54409 RENESAS-ISL54409 Datasheet
680Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
logo
Intersil Corporation
ISL54409IRTZ-T INTERSIL-ISL54409IRTZ-T Datasheet
376Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
January 14, 2010
ISL54409IRTZ-T INTERSIL-ISL54409IRTZ-T Datasheet
376Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
January 14, 2010
ISL54210IRTZ INTERSIL-ISL54210IRTZ Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
March 18, 2010
ISL54211IRUZ-T INTERSIL-ISL54211IRUZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
August 25, 2008
ISL54406 INTERSIL-ISL54406 Datasheet
763Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
ISL54211 INTERSIL-ISL54211 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Renesas Technology Corp
ISL54211 RENESAS-ISL54211 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Maxim Integrated Produc...
MAX9890 MAXIM-MAX9890 Datasheet
368Kb / 12P
   Audio Click-Pop Suppressor
Rev 0; 8/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com