Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC639-16 Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce BC639-16
Description  High Current Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC639-16 Fiches technique(HTML) 3 Page - ON Semiconductor

  BC639-16 Datasheet HTML 1Page - ON Semiconductor BC639-16 Datasheet HTML 2Page - ON Semiconductor BC639-16 Datasheet HTML 3Page - ON Semiconductor BC639-16 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BC637, BC639, BC639−16
http://onsemi.com
3
1000
1
2
5
10
20
50
100
200
500
100
1
2
3 4 5
7 10
20
30 40 50 70
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
Figure 1. Active Region Safe Operating Area
BC635
BC637
BC639
PD TA 25°C
PD TC 25°C
SOA = 1S
PD TC 25°C
PD TA 25°C
500
200
100
50
20
1
3
5
10
30 50 100
300 500 1000
IC, COLLECTOR CURRENT (mA)
Figure 2. DC Current Gain
VCE = 2 V
500
300
100
50
20
1
10
100
1000
IC, COLLECTOR CURRENT (mA)
Figure 3. Current−Gain — Bandwidth Product
VCE = 2 V
1
0.8
0.6
0.4
0.2
0
1
10
100
1000
IC, COLLECTOR CURRENT (mA)
Figure 4. “Saturation” and “On” Voltages
VBE(sat) @ IC/IB = 10
VBE(on) @ VCE = 2 V
VCE(sat) @ IC/IB = 10
−0.2
−1.0
−2.2
−1.6
1
3
5
10
30 50
100
300 500 1000
IC, COLLECTOR CURRENT (mA)
Figure 5. Temperature Coefficients
VCE = 2 VOLTS
DT = 0°C to +100°C
qV for VBE


Numéro de pièce similaire - BC639-16

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BC639-16 PHILIPS-BC639-16 Datasheet
43Kb / 8P
   NPN medium power transistors
1999 Apr 23
logo
Micro Commercial Compon...
BC639-16 MCC-BC639-16 Datasheet
335Kb / 3P
   NPN Epitaxial Silicon Transistors
logo
NXP Semiconductors
BC639-16 NXP-BC639-16 Datasheet
161Kb / 15P
   80 V, 1 A NPN medium power transistors
Rev. 08-22 June 2007
logo
Micro Commercial Compon...
BC639-16 MCC-BC639-16 Datasheet
346Kb / 3P
   NPN Epitaxial Silicon Transistors
More results

Description similaire - BC639-16

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BC490 MOTOROLA-BC490 Datasheet
249Kb / 6P
   High Current Transistors
logo
ON Semiconductor
BC636 ONSEMI-BC636 Datasheet
56Kb / 4P
   High Current Transistors
June, 2000 ??Rev. 1
BC637 ONSEMI-BC637_11 Datasheet
98Kb / 4P
   High Current Transistors
February, 2011 ??Rev. 1
logo
Motorola, Inc
BC635 MOTOROLA-BC635 Datasheet
116Kb / 4P
   High Current Transistors
BC636 MOTOROLA-BC636 Datasheet
116Kb / 4P
   High Current Transistors
logo
ON Semiconductor
BC490 ONSEMI-BC490_07 Datasheet
84Kb / 6P
   High Current Transistors
March, 2007 ??Rev. 3
BC640-016G ONSEMI-BC640-016G Datasheet
94Kb / 4P
   High Current Transistors
June, 2011 ??Rev. 1
BC640 ONSEMI-BC640 Datasheet
65Kb / 4P
   High Current Transistors
March, 2007 ??Rev. 0
BC490G ONSEMI-BC490G Datasheet
74Kb / 6P
   High Current Transistors
March, 2007 ??Rev. 3
logo
Motorola, Inc
BC489 MOTOROLA-BC489 Datasheet
235Kb / 6P
   High Current Transistors
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com