Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HCU04 Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce 74HCU04
Description  Hex Unbuffered Inverter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74HCU04 Fiches technique(HTML) 5 Page - ON Semiconductor

  74HCU04 Datasheet HTML 1Page - ON Semiconductor 74HCU04 Datasheet HTML 2Page - ON Semiconductor 74HCU04 Datasheet HTML 3Page - ON Semiconductor 74HCU04 Datasheet HTML 4Page - ON Semiconductor 74HCU04 Datasheet HTML 5Page - ON Semiconductor 74HCU04 Datasheet HTML 6Page - ON Semiconductor 74HCU04 Datasheet HTML 7Page - ON Semiconductor 74HCU04 Datasheet HTML 8Page - ON Semiconductor 74HCU04 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
74HCU04
http://onsemi.com
5
Figure 1. Switching Waveforms
tr
VCC
GND
90%
50%
10%
90%
50%
10%
INPUT A
OUTPUT Y
tPHL
tPLH
tTHL
tTLH
*Includes all probe and jig capacitance
Figure 2. Test Circuit
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 3. Logic Detail
(1/6 of Device Shown)
tf
A
VCC
Y
TYPICAL APPLICATIONS
Figure 4. Crystal Oscillator
Figure 5. Stable RC Oscillator
Figure 6. Schmitt Trigger
Figure 7. High Input Impedance Single−Stage
Amplifier with a 2 to 6 V Supply Range
R2
1/6 HCU04A
C1
R2 > > R1
C1 < C2
Vout
C2
R1
R2
R1
C
1/6 HCU04A
1/6 HCU04A
1/6 HCU04A
Vout
R2
R1
Vin
Vout
1/6 HCU04A 1/6 HCU04A
R2 > 6R1
VCC
INPUT
OUTPUT
1 M
1 M
1/6 HCU04A


Numéro de pièce similaire - 74HCU04

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HCU04 PHILIPS-74HCU04 Datasheet
64Kb / 7P
   Hex inverter
September 1993
logo
Diodes Incorporated
74HCU04 DIODES-74HCU04 Datasheet
229Kb / 9P
   UNBUFFERED HEX INVERTERS
logo
Nexperia B.V. All right...
74HCU04 NEXPERIA-74HCU04 Datasheet
258Kb / 14P
   Hex unbuffered inverter
Rev. 9 - 31 May 2021
74HCU04-Q100 NEXPERIA-74HCU04-Q100 Datasheet
823Kb / 16P
   Hex unbuffered inverter
74HCU04BQ NEXPERIA-74HCU04BQ Datasheet
258Kb / 14P
   Hex unbuffered inverter
Rev. 9 - 31 May 2021
More results

Description similaire - 74HCU04

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC74VHCU04 ONSEMI-MC74VHCU04_06 Datasheet
149Kb / 6P
   Hex Inverter (Unbuffered)
March, 2006 ??Rev. 4
logo
Nexperia B.V. All right...
74HCU04-Q100 NEXPERIA-74HCU04-Q100 Datasheet
823Kb / 16P
   Hex unbuffered inverter
HEF4069UB NEXPERIA-HEF4069UB Datasheet
246Kb / 13P
   Hex unbuffered inverter
Rev. 10 - 10 February 2022
74LVCU04A-Q100 NEXPERIA-74LVCU04A-Q100 Datasheet
782Kb / 15P
   Hex unbuffered inverter
74AHCU04 NEXPERIA-74AHCU04 Datasheet
245Kb / 14P
   Hex unbuffered inverter
Rev. 5 - 18 May 2020
logo
ON Semiconductor
MC74HCU04A ONSEMI-MC74HCU04A Datasheet
159Kb / 8P
   Hex Unbuffered Inverter
March, 2000 ??Rev. 2
MC74HCU04A ONSEMI-MC74HCU04A_14 Datasheet
113Kb / 7P
   Hex Unbuffered Inverter
September, 2014 ??Rev. 8
logo
Nexperia B.V. All right...
74LVCU04A NEXPERIA-74LVCU04A Datasheet
262Kb / 14P
   Hex unbuffered inverter
Rev. 9 - 31 March 2021
logo
Motorola, Inc
MC74HCU04 MOTOROLA-MC74HCU04 Datasheet
147Kb / 5P
   Hex Unbuffered Inverter
MC74HCU04A MOTOROLA-MC74HCU04A Datasheet
134Kb / 7P
   Hex Unbuffered Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com