Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA8132AF Fiches technique(PDF) 8 Page - Toshiba Semiconductor

No de pièce TA8132AF
Description  3V AM/FM IFMPX (FOR DIGITAL TUNING SYSTEM)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8132AF Fiches technique(HTML) 8 Page - Toshiba Semiconductor

Back Button TA8132AF Datasheet HTML 4Page - Toshiba Semiconductor TA8132AF Datasheet HTML 5Page - Toshiba Semiconductor TA8132AF Datasheet HTML 6Page - Toshiba Semiconductor TA8132AF Datasheet HTML 7Page - Toshiba Semiconductor TA8132AF Datasheet HTML 8Page - Toshiba Semiconductor TA8132AF Datasheet HTML 9Page - Toshiba Semiconductor TA8132AF Datasheet HTML 10Page - Toshiba Semiconductor TA8132AF Datasheet HTML 11Page - Toshiba Semiconductor TA8132AF Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
TA8132AN / AF , TA2012N / F
2002-10-30
8
· The gain loss of FM IF AMP
R2
0Ω
10KΩ (Note)
IF
(10.7MHz)
-20dB
-1dB
1 / 8 IF
(1.3375MHz)
-20dB
-1dB
(Note)
In the condition of the 1 / 8 IF mode, it is
possible to set up R2 = ∞ (OPEN).
In the condition of IF mode, it is necessary to set up the value of R2 under 10kΩ. When the R2 is over
10kΩ it is feared that the mode is change to the 1 / 8 IF mode.
· The gain loss of AM MIXER
R2
0Ω
10KΩ
-16dB
-1dB
4. AM low-cut circuit
· The AM low-cut action is carried out by the bypass of the high frequency component of
the positive-feedback signal at the AF AMP stage. The external capacitor: C6
by-passes this component.
· The cut-off frequency fL is determine by the internal resistance 22kΩ (typ.) and the
external capacitor C6 as following;
(Hz)
6
C
3
10
22
2
1
L
f
´
´
´
p
´
=
· In the case of the AM low-cut function is not needed, set up the value of C6 over 0.47µF.
In the condition of C6 ≥ 0.47µF, the frequency characteristic has flat response at the low frequency.


Numéro de pièce similaire - TA8132AF

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA8132AF TOSHIBA-TA8132AF Datasheet
1Mb / 21P
   3V AM / FM IF MPX (For Digital Tuning System)
More results

Description similaire - TA8132AF

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA8132AN TOSHIBA-TA8132AN Datasheet
1Mb / 21P
   3V AM / FM IF MPX (For Digital Tuning System)
logo
Silan Microelectronics ...
SA2104 SILAN-SA2104 Datasheet
422Kb / 12P
   3V AM/FMMPX TUNER IC(FOR DIGITAL TUNING SYSTEM)
logo
KEC(Korea Electronics)
KIA2057N KEC-KIA2057N Datasheet
170Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (AM/FM IF MPX FOR DIGITAL TUNING SYSTEM)
logo
Toshiba Semiconductor
TA2057N TOSHIBA-TA2057N Datasheet
602Kb / 18P
   AM/FM IFFM ST DET (FOR DIGITAL TUNING SYSTEM)
TA2099N TOSHIBA-TA2099N Datasheet
697Kb / 19P
   AM/FM IFFM STEREO DETECTOR (FOR DIGITAL TUNING SYSTEM)
logo
Silan Microelectronics ...
SA2111C SILAN-SA2111C Datasheet
339Kb / 9P
   3V AM/FM MPX TUNER IC(FOR MECHANICAL TUNING)
logo
Toshiba Semiconductor
TA8186P TOSHIBA-TA8186P Datasheet
274Kb / 8P
   AM/FM IFMPX
TA7757P TOSHIBA-TA7757P Datasheet
607Kb / 9P
   FM/AM IF SYSTEM (3V USE)
TA2029FN TOSHIBA-TA2029FN Datasheet
546Kb / 14P
   FM F/EAM/FM IFPW IC FOR DIGITAL TUNING SYSTEM
TA2104BN TOSHIBA-TA2104BN Datasheet
629Kb / 16P
   3V AM/FM 1 CHIP TUNER IC (FOR DIGITAL TUNING SYSTEM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com