Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATXMEGA128A1-AU Fiches technique(PDF) 68 Page - ATMEL Corporation

No de pièce ATXMEGA128A1-AU
Description  8/16-bit XMEGA A1 Microcontroller
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA128A1-AU Fiches technique(HTML) 68 Page - ATMEL Corporation

Back Button ATXMEGA128A1-AU Datasheet HTML 64Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 65Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 66Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 67Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 68Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 69Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 70Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 71Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 72Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 99 page
background image
68
8067I–AVR–04/09
XMEGA A1
33.5
DAC Characteristics
33.6
Analog Comparator Characteristics
33.7
Bandgap Voltage Characteristics
Table 33-5.
DAC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
Single channel mode
INL
Integral Non-Linearity
V
CC = 1.6-3.6V
VREF = Ext. ref
5
LSB
VREF= AVCC
DNL
Differential Non-Linearity
VCC = 1.6-3.6V
VREF = Ext. ref
0.6
<±1
VREF= AVCC
0.6
Fclk
Conversion rate
1000
ksps
AREF
External reference voltage
1.1
AV
CC-0.6
V
Reference input impedance
>10
M
Ω
DC output impedance
k
Ω
Max output voltage
R
load=100kΩ
AV
CC*0.98
V
Min output voltage
Rload=100kΩ
0.01
Offset factory calibration accuracy
Continues mode, VCC=3.0V,
VREF = Int 1.00V, T=85°C
TBD
LSB
Gain factory calibration accuracy
TBD
Table 33-6.
Analog Comparator Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
off
Input Offset Voltage
V
CC = 1.6-3.6V
< ±5
mV
I
lk
Input Leakage Current
V
CC = 1.6-3.6V
< 1000
pA
Vhys1
Hysteresis, No
VCC = 1.6-3.6V
0
mV
V
hys2
Hysteresis, Small
V
CC = 1.6-3.6V
mode = HS
25
mV
V
hys3
Hysteresis, Large
V
CC = 1.6-3.6V
mode = HS
50
t
delay
Propagation delay
VCC = 3.0V, T= 85°C
mode = HS
70
ns
V
CC = 1.6-3.6V
mode = LP
140
Table 33-7.
Bandgap Voltage Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
Bandgap
As reference for ADC or DAC
TBD
µs
As input to AC or ADC
TBD
Bandgap voltage
1.10
V
Internal 1.00V reference
T
A = -40°C °, VCC = 3.0V
0.995
1.00
1.05


Numéro de pièce similaire - ATXMEGA128A1-AU

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
ATXMEGA128A1-AU ATMEL-ATXMEGA128A1-AU Datasheet
1Mb / 82P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA128A1-AU ATMEL-ATXMEGA128A1-AU Datasheet
3Mb / 107P
   8/16-bit XMEGA A1 Microcontroller
More results

Description similaire - ATXMEGA128A1-AU

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
ATXMEGA128A1 ATMEL-ATXMEGA128A1_14 Datasheet
2Mb / 122P
   8/16-bit XMEGA A1 Microcontroller
ATCMEGA384A1 ATMEL-ATCMEGA384A1 Datasheet
1Mb / 82P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA128A4_0808 ATMEL-ATXMEGA128A4_0808 Datasheet
937Kb / 74P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA384A1 ATMEL-ATXMEGA384A1_10 Datasheet
3Mb / 107P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_10 Datasheet
3Mb / 105P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA256A3 ATMEL-ATXMEGA256A3_09 Datasheet
3Mb / 108P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA256A3_1012 ATMEL-ATXMEGA256A3_1012 Datasheet
3Mb / 134P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA128A4_1012 ATMEL-ATXMEGA128A4_1012 Datasheet
3Mb / 108P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B Datasheet
888Kb / 75P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_09 Datasheet
3Mb / 102P
   8/16-bit XMEGA A3B Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com