Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATmega16-16PU Fiches technique(PDF) 16 Page - ATMEL Corporation

No de pièce ATmega16-16PU
Description  8-bit Microcontroller with 16K Bytes In-Syustem Programmable Flash
Download  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16-16PU Fiches technique(HTML) 16 Page - ATMEL Corporation

Back Button ATmega16-16PU Datasheet HTML 12Page - ATMEL Corporation ATmega16-16PU Datasheet HTML 13Page - ATMEL Corporation ATmega16-16PU Datasheet HTML 14Page - ATMEL Corporation ATmega16-16PU Datasheet HTML 15Page - ATMEL Corporation ATmega16-16PU Datasheet HTML 16Page - ATMEL Corporation ATmega16-16PU Datasheet HTML 17Page - ATMEL Corporation ATmega16-16PU Datasheet HTML 18Page - ATMEL Corporation ATmega16-16PU Datasheet HTML 19Page - ATMEL Corporation ATmega16-16PU Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 357 page
background image
16
2466S–AVR–05/09
ATmega16(L)
AVR ATmega16
Memories
This section describes the different memories in the ATmega16. The AVR architecture has two
main memory spaces, the Data Memory and the Program Memory space. In addition, the
ATmega16 features an EEPROM Memory for data storage. All three memory spaces are linear
and regular.
In-System
Reprogrammable
Flash Program
Memory
The ATmega16 contains 16K bytes On-chip In-System Reprogrammable Flash memory for pro-
gram storage. Since all AVR instructions are 16 or 32 bits wide, the Flash is organized as 8K x
16. For software security, the Flash Program memory space is divided into two sections, Boot
Program section and Application Program section.
The Flash memory has an endurance of at least 10,000 write/erase cycles. The ATmega16 Pro-
gram Counter (PC) is 13 bits wide, thus addressing the 8K program memory locations. The
operation of Boot Program section and associated Boot Lock bits for software protection are
described in detail in “Boot Loader Support – Read-While-Write Self-Programming” on page
246. “Memory Programming” on page 259 contains a detailed description on Flash data serial
downloading using the SPI pins or the JTAG interface.
Constant tables can be allocated within the entire program memory address space (see the LPM
– Load Program Memory Instruction Description).
Timing diagrams for instruction fetch and execution are presented in “Instruction Execution Tim-
ing” on page 13.
Figure 8. Program Memory Map
$0000
$1FFF
Application Flash Section
Boot Flash Section


Numéro de pièce similaire - ATmega16-16PU

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
ATMEGA16-16PU ATMEL-ATMEGA16-16PU Datasheet
320Kb / 24P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATmega16-16PU ATMEL-ATmega16-16PU Datasheet
662Kb / 26P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16-16PU ATMEL-ATMEGA16-16PU Datasheet
662Kb / 26P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results

Description similaire - ATmega16-16PU

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
ATMEGA16A ATMEL-ATMEGA16A Datasheet
426Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_091 ATMEL-ATMEGA165V_091 Datasheet
342Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169V ATMEL-ATMEGA169V_06 Datasheet
297Kb / 26P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P ATMEL-ATMEGA165P_08 Datasheet
363Kb / 20P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16 ATMEL-ATMEGA16_06 Datasheet
320Kb / 24P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V ATMEL-ATMEGA165V_06 Datasheet
241Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162V ATMEL-ATMEGA162V_07 Datasheet
2Mb / 325P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_0608 ATMEL-ATMEGA165V_0608 Datasheet
3Mb / 337P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P_0611 ATMEL-ATMEGA165P_0611 Datasheet
3Mb / 368P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169P ATMEL-ATMEGA169P_1 Datasheet
4Mb / 393P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com